Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 271 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 271 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 267Page - STMicroelectronics STM32L4R5VG Datasheet HTML 268Page - STMicroelectronics STM32L4R5VG Datasheet HTML 269Page - STMicroelectronics STM32L4R5VG Datasheet HTML 270Page - STMicroelectronics STM32L4R5VG Datasheet HTML 271Page - STMicroelectronics STM32L4R5VG Datasheet HTML 272Page - STMicroelectronics STM32L4R5VG Datasheet HTML 273Page - STMicroelectronics STM32L4R5VG Datasheet HTML 274Page - STMicroelectronics STM32L4R5VG Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 306 page
background image
DocID030321 Rev 3
271/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
Figure 60. NAND controller waveforms for common memory write access
6.3.32
OctoSPI characteristics
Unless otherwise specified, the parameters given in Table 120, Table 121 and Table 122 for
OctoSPI are derived from tests performed under the ambient temperature, fAHB frequency
Table 118. Switching characteristics for NAND Flash read cycles(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
Tw(N0E)
FMC_NOE low width
4THCLK-0.5 4THCLK+0.5
ns
Tsu(D-NOE)
FMC_D[15-0] valid data before FMC_NOE high
14
-
Th(NOE-D)
FMC_D[15-0] valid data after FMC_NOE high
0
-
Td(NCE-NOE) FMC_NCE valid before FMC_NOE low
-
3THCLK+1
Th(NOE-ALE)
FMC_NOE high to FMC_ALE invalid
3THCLK-0.5
-
Table 119. Switching characteristics for NAND Flash write cycles(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
Tw(NWE)
FMC_NWE low width
2THCLK-0.5
4THCLK+0.5
ns
Tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
5
-
Th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
2THCLK-1
-
Td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
5THCLK-1
-
Td(NCE_NWE)
FMC_NCE valid before FMC_NWE low
-
3THCLK-1
Th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
3THCLK-0.5
-
MSv38006V1
tw(NWE)
th(NWE-D)
tv(NWE-D)
FMC_NWE
FMC_NOE
FMC_D[15:0]
td(D-NWE)
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(NCE-NWE)
th(NOE-ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com