Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 15 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 11Page - Texas Instruments CC2550-RTY1 Datasheet HTML 12Page - Texas Instruments CC2550-RTY1 Datasheet HTML 13Page - Texas Instruments CC2550-RTY1 Datasheet HTML 14Page - Texas Instruments CC2550-RTY1 Datasheet HTML 15Page - Texas Instruments CC2550-RTY1 Datasheet HTML 16Page - Texas Instruments CC2550-RTY1 Datasheet HTML 17Page - Texas Instruments CC2550-RTY1 Datasheet HTML 18Page - Texas Instruments CC2550-RTY1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
CC2550
SWRS039B
Page 15 of 58
0
A5
A4
A3
A2
A0
A1
DW 7
1
Read from register:
Write to register:
Hi-Z
X
SCLK:
CSn:
SI
SO
SI
SO Hi-Z
t
sp
t
ch
t
cl
t
sd
t
hd
t
ns
X
X
Hi-Z
X
Hi-Z
S7
X
DW6DW5DW4DW3DW2DW 1DW 0
BS5
S4
S3
S2
S1
S0
S7
S6
S5
S4
S3
S2
S1
S0
B
B
A5A4
A3A2A1A0
S7
B
S5
S4S3S2S1S0
DR7DR 6DR 5DR 4DR 3DR 2DR 1DR0
Figure 6: Configuration Registers Write and Read Operations
Parameter
Description
Min
Max
Units
SCLK
frequency
100 ns delay inserted between address byte and data byte (single access), or between
address and data, and between each data byte (burst access).
-
10
MHz
SCLK
frequency, single access
No delay between address and data byte
9
MHz
fSCLK
SCLK
frequency, burst access
No delay between address and data byte, or between data bytes
6.5
MHz
tsp,pd
CSn
low to positive edge on SCLK, in power-down mode
150
-
µs
tsp
CSn
low to positive edge on SCLK, in active mode
20
-
ns
tch
Clock high
50
-
ns
tcl
Clock low
50
-
ns
trise
Clock rise time
-
5
ns
tfall
Clock fall time
-
5
ns
Single access
55
-
ns
tsd
Setup data (negative SCLK edge) to
positive edge on SCLK
(tsd applies between address and data bytes, and
between data bytes)
Burst access
76
-
ns
thd
Hold data after positive edge on SCLK
20
-
ns
tns
Negative edge on SCLK to CSn high
20
-
ns
Table 14: SPI Interface Timing Requirements
Note:
The minimum tsp,pd figure in Table 14 can be used in cases where the user does not read the
CHIP_RDYn
signal. CSn low to positive edge on SCLK when the chip is woken from power-down
depends on the start-up time of the crystal being used. The 150 us in Table 14 is the crystal oscillator
start-up time measured on CC2550EM reference design ([3]) using crystal AT-41CD2 from NDK.
10.1
Chip Status Byte
When the header byte, data byte, or command
strobe is sent on the SPI interface, the chip
status byte is sent by the
CC2550 on the SO
pin. The status byte contains key status
signals, useful for the MCU. The first bit, s7, is
the CHIP_RDYn signal; this signal must go low
before the first positive edge of SCLK. The
CHIP_RDYn
signal indicates that the crystal is
running.
Bits 6, 5, and 4 comprise the STATE value.
This value reflects the state of the chip. The
XOSC and power to the digital core is on in the
IDLE state, but all other modules are in power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com