Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 54 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 54 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 50Page - Texas Instruments CC2550-RTY1 Datasheet HTML 51Page - Texas Instruments CC2550-RTY1 Datasheet HTML 52Page - Texas Instruments CC2550-RTY1 Datasheet HTML 53Page - Texas Instruments CC2550-RTY1 Datasheet HTML 54Page - Texas Instruments CC2550-RTY1 Datasheet HTML 55Page - Texas Instruments CC2550-RTY1 Datasheet HTML 56Page - Texas Instruments CC2550-RTY1 Datasheet HTML 57Page - Texas Instruments CC2550-RTY1 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
CC2550
SWRS039B
Page 54 of 58
29.4
Tray Specification
CC2550 can be delivered in standard QLP 4x4 mm shipping trays.
Tray Specification
Package
Tray Width
Tray Height
Tray Length
Units per Tray
QLP 16
135.9 mm
7.62 mm
322.6 mm
490
Table 29: Tray Specification
29.5
Carrier Tape and Reel Specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
QLP 16
12 mm
8 mm
4 mm
13 inches
2500
Table 30: Carrier Tape and Reel Specification
30
Ordering Information
Part Number
Description
Minimum Order Quantity (MOQ)
CC2550RTK
CC2550 QLP16 RoHS Pb-free 490/tray
490 (tray)
CC2550RTKR
CC2550 QLP16 RoHS Pb-free 2500/T&R
2500 (tape and reel)
CC2500-CC2550DK
CC2500_CC2550 Development Kit
1
CC2550EMK
CC2500 Evaluation Module Kit
1
Table 31: Ordering Information
31 References
[1] CC2550 Errata Notes (swrz011.pdf)
[2] AN032 2.4 GHz Regulations (swra060.pdf)
[3] CC2550EM Reference Design 1.0 (swrr015.zip)
[4] SmartRF
® Studio (swrc046.zip)
[5] CC1100 CC2500 Examples Libraries (swrc021.zip)
[6] CC1100/CC1150DK & CC2500/CC2550DK Development Kit Examples & Libraries User
Manual (swru109.pdf)
[7] CC25XX Folded Dipole Reference Design (swrc065.zip)
[8] DN004 Folded Dipole Antenna for CCC25xx (swra118.pdf)
[9] CC2500 Data Sheet (cc2500.pdf)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com