Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 55 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 51Page - Texas Instruments CC2550-RTY1 Datasheet HTML 52Page - Texas Instruments CC2550-RTY1 Datasheet HTML 53Page - Texas Instruments CC2550-RTY1 Datasheet HTML 54Page - Texas Instruments CC2550-RTY1 Datasheet HTML 55Page - Texas Instruments CC2550-RTY1 Datasheet HTML 56Page - Texas Instruments CC2550-RTY1 Datasheet HTML 57Page - Texas Instruments CC2550-RTY1 Datasheet HTML 58Page - Texas Instruments CC2550-RTY1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
CC2550
SWRS039B
Page 55 of 58
32
General Information
32.1
Document History
Revision
Date
Description/Changes
SWRS039B
2007-09-30 kbps replaced by kBaud throughout the document.
Some of the sections hav been re-written to be easier to read without having any new
info added.
Absolute maximum supply voltage rating increased from 3.6 V to 3.9 V.
FSK changed to 2-FSK throughout the document.
Updates to the Abbreviation table.
Updates to the Electrical Specifications section. Added ACP and OBW performance.
Added info about TX latency in serial mode.
Added info about default values after reset versus optimum register settings in the
Configuration Software section.
Changes to the SPI Interface Timing Requirements. Info added about tsp,pd
The following figures have been changed: Configuration Registers Write and Read
Operations, SRES Command Strobe, and Register Access Types.
In the Register Access section, the address range is changed.
Changes to PATABLE Access section.
In the Packet Format section, preamble pattern is changed to 10101010 and info
about bug related to turning off the transmitter in infinite packet length mode is added.
Added info about the initial value of the PN9 sequence in the Data Whitening section.
Added info about TX FIFO underflow state in the Packet Handling in Transmit Mode
section.
Added section Packet Handling in Firmware.
Removed all references to the voltage regulator in relation with the CHP_RDYn
signal, as this signal is only related to the crystal.
Removed references to the voltage regulator in the figures: Power-On Reset and
Power-On Reset with SRES. Changes to the SI line in the Power-On Reset with
SRES figure.
Added info on the three automatic calibration options.
The Output Power Programming section has been changed. Only 1 PATABLE entry
used for 2-FSK/GFSK/MSK and 2 PATABLE entries used for OOK. Added info about
PATABLE when entering SLEEP mode. New PA_POWER and PATABLE figure.
Added section on PCB Layout Recommendations.
In section General Purpose / Test Output Control Pins: Added info on GDO pins in
SLEEP state.
Asynchronous transparent mode is called asynchronous serial mode throughout the
document.
Removed comments about having to use NRZ coding in synchronous serial mode.
Added info that Manchester encoding cannot be used in asynchronous serial mode.
Changed field name and/or description of the following registers:
MCSM0, FSCAL3, FSCAL2, FSCAL1 and TEST0.
Added references.
1.2
SWRS039A
2006-06-28 Added figures to table on SPI interface timing requirements.
Added information about SPI read.
Updates to text and included new figure in section on arbitrary length configuration.
Added information that RF frequencies at n/2·crystal frequency (n is an integer
number) should not be used due to spurious signals at these frequencies .
Updates to text and included new figures in section on power-on start-up sequence.
Added information about how to check for PLL lock in section on VCO.
Better explanation of some of the signals in table of GDO signal selection.
Added section on wideband modulation not using spread spectrum under section on
system considerations and guidelines.
Added more detailed information on PO_TIMEOUT in register MCSM0.
Changes to ordering information.
1.1
2005-06-27 Updated TEST1 register default value. 26-27 MHz crystal range. Added matching
information. Added information about using a reference signal instead of a crystal.
1.0
2005-01-24 First preliminary data sheet release.
Table 32: Document History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com