Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 22 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 18Page - Texas Instruments CC2550-RTY1 Datasheet HTML 19Page - Texas Instruments CC2550-RTY1 Datasheet HTML 20Page - Texas Instruments CC2550-RTY1 Datasheet HTML 21Page - Texas Instruments CC2550-RTY1 Datasheet HTML 22Page - Texas Instruments CC2550-RTY1 Datasheet HTML 23Page - Texas Instruments CC2550-RTY1 Datasheet HTML 24Page - Texas Instruments CC2550-RTY1 Datasheet HTML 25Page - Texas Instruments CC2550-RTY1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
CC2550
SWRS039B
Page 22 of 58
13.3
Packet Handling in Transmit Mode
The payload that is to be transmitted must be
written into the TX FIFO. The first byte written
must be the length byte when variable packet
length is enabled. The length byte has a value
equal to the payload of the packet (including
the optional address byte). If fixed packet
length is enabled, then the first byte written to
the TX FIFO is interpreted as the destination
address, if this feature is enabled in the device
that receives the packet.
The modulator will first send the programmed
number of preamble bytes. If data is available
in the TX FIFO, the modulator will send the
two-byte (optionally 4-byte) sync word and
then the payload in the TX FIFO. If CRC is
enabled, the checksum is calculated over all
the data pulled from the TX FIFO and the
result is sent as two extra bytes at the end of
the payload data. If the TX FIFO runs empty
before
the
complete
packet
has
been
transmitted,
the
radio
will
enter
TXFIFO_UNDERFLOW state. The only way to
exit this state is by issuing an SFTX strobe.
Writing to the TX FIFO after it has underflowed
will not restart TX mode.
If whitening is enabled, everything following
the sync words will be whitened. This is done
before the optional FEC/Interleaver stage.
Whitening
is
enabled
by
setting
PKTCTRL0.WHITE_DATA
=1.
If FEC/Interleaving is enabled, everything
following the sync words will be scrambled by
the interleaver, and FEC encoded before being
modulated. FEC is enabled by setting
MDMCFG.FEC_EN
=1.
13.4
Packet Handling in Firmware
When implementing a packet oriented radio
protocol in firmware, the MCU needs to know
when
a
packet
has
been
transmitted.
Additionally, for packets longer than 64 bytes
the TX FIFO needs to be refilled while in TX.
This means that the MCU needs to know the
number of bytes that can be written to TX
FIFO. There are two possible solutions to get
the necessary status information:
a) Interrupt driven solution
It is possible to use one of the GDO pins to give
an interrupt when a sync word has been
transmitted and/or when a complete packet
has been transmitted (IOCFGx=0x06). In
addition, there are 2 configurations for the
IOCFGx
register that are associated with the
TX FIFO (IOCFGx=0x02 and IOCFG=0x03)
that can be used as interrupt sources to
provide information on how many bytes are in
the TX FIFO. See Table 22.
b) SPI polling
The PKTSTATUS register can be polled at a
given rate to get information about the current
GDO0
value. The TXBYTES register can be
polled at a given rate to get information about
the number of bytes in the TX FIFO.
Alternatively, the number of bytes in the TX
FIFO can be read from the chip status byte
returned on the MISO line each time a header
byte, data byte, or command strobe is sent on
the SPI bus. This only valid when R/W = 0.
As explained in Section 10.3 and the
CC2550
Errata Notes [1], when using SPI polling there
is a small, but finite, probability that a single
read from registers PKTSTATUS and TXBYTES
is being corrupt. The same is the case when
reading the chip status byte. It is therefore
recommended to employ an interrupt driven
solution.
Refer to the TI website for SW examples ([5]
and [6]).
14
Modulation Formats
CC2550 supports amplitude, frequency and
phase shift modulation formats. The desired
modulation
format
is
set
in
the
MDMCFG2.MOD_FORMAT
register.
Optionally, the data stream can be Manchester
coded by the modulator. This option is enabled
by
setting
MDMCFG2.MANCHESTER_EN
=1.
Manchester encoding is not supported at the
same time as using the FEC/Interleaver
option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com