Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 20 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 16Page - Texas Instruments CC2550-RTY1 Datasheet HTML 17Page - Texas Instruments CC2550-RTY1 Datasheet HTML 18Page - Texas Instruments CC2550-RTY1 Datasheet HTML 19Page - Texas Instruments CC2550-RTY1 Datasheet HTML 20Page - Texas Instruments CC2550-RTY1 Datasheet HTML 21Page - Texas Instruments CC2550-RTY1 Datasheet HTML 22Page - Texas Instruments CC2550-RTY1 Datasheet HTML 23Page - Texas Instruments CC2550-RTY1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
CC2550
SWRS039B
Page 20 of 58
.WHITE_DATA=1.
All
data,
except
the
preamble and the sync word, are then XOR-ed
with a 9-bit pseudo-random (PN9) sequence
before being transmitted as shown in Figure 9.
At the receiver end, the data are XOR-ed with
the same pseudo-random sequence. This way,
the whitening is reversed, and the original data
appear in the receiver. The PN9 sequence is
reset to all 1’s.
Data whitening can only be used when
PKTCTRL0.CC2400_EN
=0 (default).
Figure 9: Data Whitening in TX Mode
13.2
Packet Format
The format of the data packet can be
configured and consists of the following items
(see Figure 10):
•
Preamble
•
Synchronization word
•
Optional length byte
•
Optional address byte
•
Payload
•
Optional 2 byte CRC
Preamble bits
(1010...1010)
Data field
Optional CRC-16 calculation
Optionally FEC encoded/decoded
8 x n bits
16/32 bits
8
bits
8
bits
8 x n bits
16 bits
Optional data whitening
Legend:
Inserted automatically in TX,
processed and removed in RX.
Optional user-provided fields processed in TX,
processed but not removed in RX.
Unprocessed user data (apart from FEC
and/or whitening)
Figure 10: Packet Format
The preamble pattern is an alternating
sequence of ones and zeros (101010101…).
The minimum length of the preamble is
programmable.
When
enabling
TX,
the
modulator will start transmitting the preamble.
When the programmed number of preamble
bytes has been transmitted, the modulator will
send the sync word and then data from the TX
FIFO if data is available. If the TX FIFO is
empty, the modulator will continue to send
preamble bytes until the first byte is written to
the TX FIFO. The modulator will then send the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com