Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 28Page - Texas Instruments CC2550-RTY1 Datasheet HTML 29Page - Texas Instruments CC2550-RTY1 Datasheet HTML 30Page - Texas Instruments CC2550-RTY1 Datasheet HTML 31Page - Texas Instruments CC2550-RTY1 Datasheet HTML 32Page - Texas Instruments CC2550-RTY1 Datasheet HTML 33Page - Texas Instruments CC2550-RTY1 Datasheet HTML 34Page - Texas Instruments CC2550-RTY1 Datasheet HTML 35Page - Texas Instruments CC2550-RTY1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
CC2550
SWRS039B
Page 32 of 58
22
Crystal Oscillator
A crystal in the frequency range 26-27 MHz
must be connected between the XOSC_Q1 and
XOSC_Q2
pins. The oscillator is designed for
parallel mode operation of the crystal. In
addition, loading capacitors (C51 and C71) for
the crystal are required. The loading capacitor
values depend on the total load capacitance,
CL, specified for the crystal. The total load
capacitance
seen
between
the
crystal
terminals should equal CL for the crystal to
oscillate at the specified frequency.
parasitic
L
C
C
C
C
+
+
=
71
51
1
1
1
The parasitic capacitance is constituted by pin
input capacitance and PCB stray capacitance.
Total parasitic capacitance is typically 2.5 pF.
The crystal oscillator circuit is shown in Figure
20. Typical component values for different
values of CL are given in Table 21.
The crystal oscillator is amplitude regulated.
This means that a high current is used to start
up the oscillations. When the amplitude builds
up, the current is reduced to what is necessary
to maintain approximately 0.4 Vpp signal
swing. This ensures a fast start-up, and keeps
the drive level to a minimum. The ESR of the
crystal should be within the specification in
order to ensure a reliable start-up (see Section
4.3 on page 7).
XOSC_Q1
XOSC_Q2
XTAL
C51
C71
Figure 20: Crystal Oscillator Circuit
Component
CL= 10 pF
CL=13 pF
CL=16 pF
C51
15 pF
22 pF
27 pF
C71
15 pF
22 pF
27 pF
Table 21: Crystal Oscillator Component Values
22.1
Reference Signal
The chip can alternatively be operated with a
reference signal from 26 to 27 MHz instead of
a crystal. This input clock can either be a full-
swing digital signal (0 V to VDD) or a sine
wave of maximum 1 V peak-peak amplitude.
The reference signal must be connected to the
XOSC_Q1
input. The sine wave must be
connected
to
XOSC_Q1
using
a
serial
capacitor. When using a full-swing digital
signal this capacitor can be omitted. The
XOSC_Q2
line must be left un-connected. C51
and C71 can be omitted when using a
reference signal
23
External RF Match
The balanced RF output of
CC2550 is designed
for a simple, low-cost matching and balun
network on the printed circuit board. A few
passive external components ensure proper
matching.
Although
CC2550 has a balanced RF output,
the chip can be connected to a single-ended
antenna with few external low cost capacitors
and inductors.
The
passive
matching/filtering
network
connected to
CC2550 should have the following
differential impedance as seen from the RF-
port (RF_P and RF_N) towards the antenna:
Zout = 80 + j74 Ω
To ensure optimal matching of the
CC2550
differential output it is highly recommended to
follow the CC2550EM reference design [3] as
closely as possible. Gerber files for the
reference designs are available for download
from the TI website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com