Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 39 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 35Page - Texas Instruments CC2550-RTY1 Datasheet HTML 36Page - Texas Instruments CC2550-RTY1 Datasheet HTML 37Page - Texas Instruments CC2550-RTY1 Datasheet HTML 38Page - Texas Instruments CC2550-RTY1 Datasheet HTML 39Page - Texas Instruments CC2550-RTY1 Datasheet HTML 40Page - Texas Instruments CC2550-RTY1 Datasheet HTML 41Page - Texas Instruments CC2550-RTY1 Datasheet HTML 42Page - Texas Instruments CC2550-RTY1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
CC2550
SWRS039B
Page 39 of 58
Address
Register
Description
Details on Page Number
0x01
IOCFG1
GDO1
output pin configuration
41
0x02
IOCFG0
GDO0
output pin configuration
41
0x03
FIFOTHR
FIFO threshold
41
0x04
SYNC1
Sync word, high byte
42
0x05
SYNC0
Sync word, low byte
42
0x06
PKTLEN
Packet length
42
0x08
PKTCTRL0
Packet automation control
42
0x0A
CHANNR
Channel number
43
0x0D
FREQ2
Frequency control word, high byte
43
0x0E
FREQ1
Frequency control word, middle byte
43
0x0F
FREQ0
Frequency control word, low byte
43
0x10
MDMCFG4
Modulator configuration
43
0x11
MDMCFG3
Modulator configuration
43
0x12
MDMCFG2
Modulator configuration
44
0x13
MDMCFG1
Modulator configuration
45
0x14
MDMCFG0
Modulator configuration
45
0x15
DEVIATN
Modulator deviation setting
46
0x17
MCSM1
Main Radio Control State Machine configuration
46
0x18
MCSM0
Main Radio Control State Machine configuration
47
0x22
FREND0
Front end TX configuration
47
0x23
FSCAL3
Frequency synthesizer calibration
48
0x24
FSCAL2
Frequency synthesizer calibration
48
0x25
FSCAL1
Frequency synthesizer calibration
48
0x26
FSCAL0
Frequency synthesizer calibration
48
0x29
FSTEST
Frequency synthesizer calibration control
49
0x2A
PTEST
Production test
49
0x2C
TEST2
Various test settings
49
0x2D
TEST1
Various test settings
49
0x2E
TEST0
Various test settings
49
Table 24: Configuration Registers Overview
Address
Register
Description
Details on Page Number
0x30 (0xF0)
PARTNUM
CC2550 part number
49
0x31 (0xF1)
VERSION
Current version number
49
0x35 (0xF5)
MARCSTATE
Control state machine state
50
0x38 (0xF8)
PKTSTATUS
Current GDOx status and packet status
50
0x39 (0xF9)
VCO_VC_DAC
Current setting from PLL calibration module
51
0x3A (0xFA)
TXBYTES
Underflow and number of bytes in the TX FIFO
51
Table 25: Status Registers Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com