Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 3Page - Texas Instruments CC2550-RTY1 Datasheet HTML 4Page - Texas Instruments CC2550-RTY1 Datasheet HTML 5Page - Texas Instruments CC2550-RTY1 Datasheet HTML 6Page - Texas Instruments CC2550-RTY1 Datasheet HTML 7Page - Texas Instruments CC2550-RTY1 Datasheet HTML 8Page - Texas Instruments CC2550-RTY1 Datasheet HTML 9Page - Texas Instruments CC2550-RTY1 Datasheet HTML 10Page - Texas Instruments CC2550-RTY1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
CC2550
SWRS039B
Page 7 of 58
4.3
Crystal Oscillator
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2550EM reference design
([3]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
26
26
27
MHz
Tolerance
±40
ppm
This is the total tolerance including a) initial tolerance, b) crystal
loading, c) aging and d) temperature dependence.
The acceptable crystal tolerance depends on RF frequency and
channel spacing / bandwidth.
ESR
100
Ω
Start-up time
150
µs
Measured on CC2500EM reference design ([3]) using crystal
AT-41CD2 from NDK.
This parameter is to a large degree crystal dependent.
Table 6: Crystal Oscillator Parameters
4.4
Frequency Synthesizer Characteristics
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2550EM reference design
([3]). Min figures are given using a 27 MHz crystal. Typ and max figures are given using a 26 MHz crystal.
Parameter
Min
Typ
Max
Unit
Condition/Note
Programmed
frequency resolution
397
FXOSC/
2
16
427
Hz
26-27 MHz crystal.
Synthesizer frequency
tolerance
±40
ppm
Given by crystal used. Required accuracy (including
temperature and aging) depends on frequency band and
channel bandwidth / spacing.
–74
dBc/Hz
@ 50 kHz offset from carrier
–74
dBc/Hz
@ 100 kHz offset from carrier
–77
dBc/Hz
@ 200 kHz offset from carrier
–97
dBc/Hz
@ 1 MHz offset from carrier
–106
dBc/Hz
@ 2 MHz offset from carrier
–114
dBc/Hz
@ 5 MHz offset from carrier
RF carrier phase noise
@2440 MHz
–117
dBc/Hz
@ 10 MHz offset from carrier
PLL turn-on / hop time
85.1
88.4
88.4
µs
Time from leaving the IDLE state until arriving in the
FSTXON or TX state, when not performing calibration.
Crystal oscillator running.
PLL calibration time
694
721
721
µs
Calibration can be initiated manually or automatically
before entering or after leaving RX/TX.
Table 7: Frequency Synthesizer Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com