Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 30 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 26Page - Texas Instruments CC2550-RTY1 Datasheet HTML 27Page - Texas Instruments CC2550-RTY1 Datasheet HTML 28Page - Texas Instruments CC2550-RTY1 Datasheet HTML 29Page - Texas Instruments CC2550-RTY1 Datasheet HTML 30Page - Texas Instruments CC2550-RTY1 Datasheet HTML 31Page - Texas Instruments CC2550-RTY1 Datasheet HTML 32Page - Texas Instruments CC2550-RTY1 Datasheet HTML 33Page - Texas Instruments CC2550-RTY1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
CC2550
SWRS039B
Page 30 of 58
21
Output Power Programming
The RF output power level from the device has
two levels of programmability, as illustrated in
Figure 18.
The RF output power level from the device is
programmed through the PATABLE register.
•
If 2-FSK, GFSK or MSK modulation is
used
the
desired
output
power
is
programmed to index 0 in the PATABLE
register (PATABLE(0)[7:0]). The 3-bit
FREND0.PA_POWER
value shall be set to 0
(reset default value).
•
If OOK modulation is used the desired
output power for the logic 0 and logic 1
power levels are programmed to index 0
and index 1 in the PATABLE register
respectively
(PATABLE(0)[7:0]
and
PATABLE(1)[7:0]
).
The
3-bit
FREND0.PA_POWER
value shall be set to
1.
Table 20 contains recommended PATABLE
settings
for
various
output
levels
and
frequency bands. See Section 10.6 on page
17 for PATABLE programming details. The
SmartRF® Studio software [4] should be used
to obtain optimum PATABLE settings for
various output powers.
PATABLE
must be programmed in burst mode
if writing to other entries than PATABLE(0)
(OOK modulation). Note that all content of the
PATABLE
is lost when entering the SLEEP
state.
Figure 18: PA_POWER and PATABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com