Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 7Page - Texas Instruments CC2550-RTY1 Datasheet HTML 8Page - Texas Instruments CC2550-RTY1 Datasheet HTML 9Page - Texas Instruments CC2550-RTY1 Datasheet HTML 10Page - Texas Instruments CC2550-RTY1 Datasheet HTML 11Page - Texas Instruments CC2550-RTY1 Datasheet HTML 12Page - Texas Instruments CC2550-RTY1 Datasheet HTML 13Page - Texas Instruments CC2550-RTY1 Datasheet HTML 14Page - Texas Instruments CC2550-RTY1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
CC2550
SWRS039B
Page 11 of 58
Component
Description
C41
Decoupling capacitor for on-chip voltage regulator to digital part
C51/C71
Crystal loading capacitors, see Section 22 on page 32 for details
C101/C111
RF balun DC blocking capacitors
C102/C112
RF balun/matching capacitors
C103/C104
RF LC filter/matching capacitors
L101/L111
RF balun/matching inductors (inexpensive multi-layer type)
L102
RF LC filter inductor (inexpensive multi-layer type)
R141
Resistor for internal bias current reference
XTAL
26-27 MHz crystal, see Section 22 on page 32 for details
Table 12: Overview of External Components (excluding supply decoupling capacitors)
Antenna
(50 Ohm)
1.8V-3.6V power supply
1 SCLK
2 SO (GDO1)
3 DVDD
4
AVDD 12
RF_N 11
RF_P 10
CSn 9
XTAL
C102
C112
L111
L101
L102
C103
C104
R141
C51
C71
C41
CSn
GDO0
(optional)
SO
(GDO1)
SCLK
SI
CC2550
DIE ATTACH PAD:
C111
C101
DCOUPL
Alternative:
Folded dipole PCB
antenna (no external
components needed)
Figure 3: Typical Application and Evaluation Circuit (excluding supply decoupling capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com