Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 47 Page - Texas Instruments

Part # CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 43Page - Texas Instruments CC2550-RTY1 Datasheet HTML 44Page - Texas Instruments CC2550-RTY1 Datasheet HTML 45Page - Texas Instruments CC2550-RTY1 Datasheet HTML 46Page - Texas Instruments CC2550-RTY1 Datasheet HTML 47Page - Texas Instruments CC2550-RTY1 Datasheet HTML 48Page - Texas Instruments CC2550-RTY1 Datasheet HTML 49Page - Texas Instruments CC2550-RTY1 Datasheet HTML 50Page - Texas Instruments CC2550-RTY1 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
CC2550
SWRS039B
Page 47 of 58
0x18: MCSM0 – Main Radio Control State Machine Configuration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:4
FS_AUTOCAL[1:0]
0 (00)
R/W
Automatically calibrate when going to TX or back to IDLE
Setting
When to perform automatic calibration
0 (00)
Never (manually calibrate using SCAL strobe)
1 (01)
When going from IDLE to TX (or FSTXON)
2 (10)
When going from TX back to IDLE
3 (11)
Every 4
th time when going from TX to IDLE
3:2
PO_TIMEOUT
2 (10)
R/W
Programs the number of times the six-bit ripple counter must expire
after XOSC has stabilized before CHP_RDYn goes low.
If XOSC is on (stable) during power-down, PO_TIMEOUT should
be set so that the regulated digital supply voltage has time to
stabilize before CHP_RDYn goes low (PO_TIMEOUT=2
recommended). Typical start-up time for the voltage regulator is 50
us.
If XOSC is off during power-down and the regulated digital supply
voltage has sufficient time to stabilize while waiting for the crystal to
be stable, PO_TIMEOUT can be set to 0. For robust operation it is
recommended to use PO_TIMEOUT=2.
Setting
Expire count
Timeout after XOSC start
0 (00)
1
Approx. 2.3 – 2.4 µs
1 (01)
16
Approx. 37 – 39 µs
2 (10)
64
Approx. 149 – 155 µs
3 (11)
256
Approx. 597 – 620 µs
Exact timeout depends on crystal frequency.
In order to reduce start up time from the SLEEP state, this field is
preserved in powerdown (SLEEP state).
1:0
Reserved
R0
Defined in the transceiver version
0x22: FREND0 – Front End TX Configuration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:4
LODIV_BUF_CURRENT_TX[1:0]
1 (01)
R/W
Adjusts current TX LO buffer (input to PA). The
value to use in this field is given by the SmartRF®
Studio software [4].
3
Reserved
R0
2:0
PA_POWER[2:0]
0 (000)
R/W
Selects PA power setting. This value is an index to
the PATABLE. In OOK mode, this selects the
PATABLE index to use when transmitting a ‘1’.
PATABLE index zero is used in OOK when
transmitting a ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com