Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 16 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM49200TLEVAL Datasheet HTML 12Page - Texas Instruments LM49200TLEVAL Datasheet HTML 13Page - Texas Instruments LM49200TLEVAL Datasheet HTML 14Page - Texas Instruments LM49200TLEVAL Datasheet HTML 15Page - Texas Instruments LM49200TLEVAL Datasheet HTML 16Page - Texas Instruments LM49200TLEVAL Datasheet HTML 17Page - Texas Instruments LM49200TLEVAL Datasheet HTML 18Page - Texas Instruments LM49200TLEVAL Datasheet HTML 19Page - Texas Instruments LM49200TLEVAL Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
LM49200, LM49200TLEVAL
SNAS459A – MAY 2009 – REVISED APRIL 2013
www.ti.com
Table 4. Output Mode Control Register(1)
Bits
Field
Description
3:0
Mode_Control
These bits determine how the input signals are mixed and routed to the outputs.
Right
Value
Mode
Left Loudspeaker
Left Headphone
Right Headphone
Loudspeaker
0000
0
SD
SD
SD
SD
0001
1
GM x M
GM x M
Mute
Mute
0010
2
GL x L
GL x L
Mute
Mute
011
3
GL x L + GM x M
GR x R + GM x M
Mute
Mute
0100
4
SD
SD
GM x M/2
GM x M/2
0101
5
GM x M
GM x M
GM x M/2
GM x M/2
0110
6
GL x L
GR x R
GM x M/2
GM x M/2
0111
7
GL x L + GM x M
GL x L + GM x M
GM x M/2
GM x M/2
1000
8
SD
SD
GL x L
GR x R
1001
9
GM x M
GM x M
GL x L
GR x R
1010
10
GL x L
GR x R
GL x L
GR x R
1011
11
GL x L + GM x M
GR x R + GM x M
GL x L
GR x R
1100
12
SD
SD
GL x L + GM x M/2
GR x R + GM x M/2
1101
13
GM x M
GM x M
GL x L + GM x M/2
GR x R + GM x M/2
1110
14
GL x L
GR x R
GL x L + GM x M/2
GR x R + GM x M/2
1111
15
GL x L + GM x M
GR x R + GM x M
GL x L + GM x M/2
GR x R + GM x M/2
4
EP Mode
This bit sets the loudspeaker amplifiers for earpiece mode.
Value
Status
0
Normal loudspeaker operation, control determined by bits 3:0.
Bit overrides bits 3:0. Right loudspeaker amplifier bias current reduced for low power operation. Left
1
loudspeaker amplifier shutdown. Mono input path active and signal routed to right loudspeaker
output. Left & right input gain amplifiers shutdown for reduced power consumption.
(1)
M : MIN, Mono differential input
L : LIN, Left single-ended input
R : RIN, Right single-ended input
SD : Shutdown
GM : Mono_Vol setting determined by the Mono Input Volume Control register, See Table 6.
GL : Left_Vol setting determined by the Left Input Volume Control register, See Table 6.
GR : Right_Vol setting determined by the Right Input Volume Control register, See Table 6.
Table 5. Output Gain Control Register
Bits
Field
Description
2:0
HP_GAIN
These bits set the gain of the headphone output amplifiers.
Value
Gain (dB)
000
0
001
–1.2
010
–2.5
011
–4.0
100
–6.0
101
–8.5
110
–12
111
–18
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com