Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 19 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM49200TLEVAL Datasheet HTML 15Page - Texas Instruments LM49200TLEVAL Datasheet HTML 16Page - Texas Instruments LM49200TLEVAL Datasheet HTML 17Page - Texas Instruments LM49200TLEVAL Datasheet HTML 18Page - Texas Instruments LM49200TLEVAL Datasheet HTML 19Page - Texas Instruments LM49200TLEVAL Datasheet HTML 20Page - Texas Instruments LM49200TLEVAL Datasheet HTML 21Page - Texas Instruments LM49200TLEVAL Datasheet HTML 22Page - Texas Instruments LM49200TLEVAL Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
A bridge amplifier design has a few distinct advantages over the single-ended configuration, as it provides
differential drive to the load, thus doubling output swing for a specified supply voltage. Four times the output
power is possible as compared to a single-ended amplifier under the same conditions. This increase in attainable
output power assumes that the amplifier is not current limited or clipped.
A bridge configuration, such as the one used in LM49200, also creates a second advantage over single-ended
amplifiers. Since the differential outputs are biased at half-supply, no net DC voltage exists across the load. This
eliminates the need for an output coupling capacitor which is required in a single supply, single-ended amplifier
configuration. Without an output coupling capacitor, the half-supply bias across the load would result in both
increased internal IC power dissipation and also possible loudspeaker damage.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. The power dissipation of the LM49200 varies with the mode selected. The
maximum power dissipation occurs in modes where all inputs and outputs are active (Modes 6, 7, 8, 9, 10, 11,
13, 14, 15). The power dissipation is dominated by the Class AB amplifier. The maximum power dissipation for a
given application can be derived from the power dissipation graphs or from Equation 1.
PDMAX = 4*(VDD)
2 / (2π2R
L)
(1)
It is critical that the maximum junction temperature (TJMAX) of 150°C is not exceeded. TJMAX can be determined
from the power derating curves by using PDMAX and the PC board foil area. By adding additional copper foil, the
thermal resistance of the application can be reduced from the free air value, resulting in higher PDMAX. Additional
copper foil can be added to any of the leads connected to the LM49200. It is especially effective when connected
to VDD, GND, and the output pins. Refer to the application information on the LM49200 reference design board
for an example of good heat sinking. If TJMAX still exceeds 150°C, then additional changes must be made. These
changes can include reduced supply voltage, higher load impedance, or reduced ambient temperature. Internal
power dissipation is a function of output power. Refer to the curves in Typical Performance Characteristics for
power dissipation information for different output powers and output loading.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. The capacitor location on both the bypass and power supply pins should be as close to the device as
possible. Typical applications employ a 5V regulator with 10µF tantalum or electrolytic capacitor and a ceramic
bypass capacitor which aid in supply stability. This does not eliminate the need for bypassing the supply nodes of
the LM49200. The selection of a bypass capacitor, especially CB, is dependent upon PSRR requirements, click
and pop performance, system cost, and size constraints.
GROUND REFERENCED HEADPHONE AMPLIFIER
The LM49200 features a low noise inverting charge pump that generates an internal negative supply voltage.
This allows the headphone outputs to be biased about GND instead of a nominal DC voltage, like traditional
headphone amplifiers. Because there is no DC component, the large DC blocking capacitors (typically 220
μF)
are not necessary. The coupling capacitors are replaced by two small ceramic charge pump capacitors, saving
board space and cost. Eliminating the output coupling capacitors also improves low frequency response. In
traditional headphone amplifiers, the headphone impedance and the output capacitor from a high-pass filter that
not only blocks the DC component of the output, but also attenuates low frequencies, impacting the bass
response. Because the LM49200 does not require the output coupling capacitors, the low frequency response of
the device is not degraded by external components. In addition to eliminating the output coupling capacitors, the
ground referenced output nearly doubles the available dynamic range of the LM49200 headphone amplifiers
when compared to a traditional headphone amplifier operating from the same supply voltage.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com