Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 20 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM49200TLEVAL Datasheet HTML 16Page - Texas Instruments LM49200TLEVAL Datasheet HTML 17Page - Texas Instruments LM49200TLEVAL Datasheet HTML 18Page - Texas Instruments LM49200TLEVAL Datasheet HTML 19Page - Texas Instruments LM49200TLEVAL Datasheet HTML 20Page - Texas Instruments LM49200TLEVAL Datasheet HTML 21Page - Texas Instruments LM49200TLEVAL Datasheet HTML 22Page - Texas Instruments LM49200TLEVAL Datasheet HTML 23Page - Texas Instruments LM49200TLEVAL Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
LM49200, LM49200TLEVAL
SNAS459A – MAY 2009 – REVISED APRIL 2013
www.ti.com
INPUT CAPACITOR SELECTION
Input capacitors may be required for some applications, or when the audio source is single-ended. Input
capacitors block the DC component of the audio signal, eliminating any conflict between the DC component of
the audio source and the bias voltage of the LM49200. The input capacitors create a high-pass filter with the
input resistors RIN. The -3dB point of the high-pass filter is found using equation below.
f = 1 / 2
πRINCIN (Hz)
where
•
the value of RIN is given in the Electrical Characteristics Table.
(2)
High-pass filtering the audio signal helps protect the speakers. When the LM49200 is using a single-ended
source, power supply noise on the ground is seen as an input signal. Setting the high-pass filter point above the
power supply noise frequencies, 217Hz in a GSM phone, for example, filters out the noise such that it is not
amplified and heard on the output. Capacitors with a tolerance of 10% or better are recommended for impedance
matching and improved CMRR and PSRR.
CHARGE PUMP FLYING CAPACITOR (C1)
The flying capacitor (C1), see Figure 1, affects the load regulation and output impedance of the charge pump. A
C1 value that is too low results in a loss of current drive, leading to a loss of amplifier headroom. A higher valued
C1 improves load regulation and lowers charge pump output impedance to an extent. Above 2.2
μF, the RDS(ON)
of the charge pump switches and the ESR of C1 and Cs5 dominate the output impedance. A lower value
capacitor can be used in systems with low maximum output power requirements.
CHARGE PUMP HOLD CAPACITOR (CS3)
The value and ESR of the hold capacitor (Cs5) directly affects the ripple on CPVSS. Increasing the value of Cs5
reduces output ripple. Decreasing the ESR of Cs5 reduces both output ripple and charge pump output
impedance. A lower value capacitor can be used in systems with low maximum output power requirements.
20
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com