Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 12 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM49200TLEVAL Datasheet HTML 8Page - Texas Instruments LM49200TLEVAL Datasheet HTML 9Page - Texas Instruments LM49200TLEVAL Datasheet HTML 10Page - Texas Instruments LM49200TLEVAL Datasheet HTML 11Page - Texas Instruments LM49200TLEVAL Datasheet HTML 12Page - Texas Instruments LM49200TLEVAL Datasheet HTML 13Page - Texas Instruments LM49200TLEVAL Datasheet HTML 14Page - Texas Instruments LM49200TLEVAL Datasheet HTML 15Page - Texas Instruments LM49200TLEVAL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
-50
-30
FREQUENCY (Hz)
1k
20
-10
10k
50
2k
-20
0
-40
-60
-70
5k
-100
-90
-80
20k
200
100
500
OUTPUT POWER (mW)
0
10
50
0
15
20
5
350
200
150
250
100
25
30
40
3.3V
5V
300
35
0
5V
3.3V
OUTPUT POWER (mW)
400
500
0
600
800
200
3000
2000
1500
2500
1000
1000 1200 1400
-50
-30
FREQUENCY (Hz)
1k
20
-10
10k
50
2k
-20
0
-40
-60
-70
5k
-100
-90
-80
20k
200
100
500
-50
-30
FREQUENCY (Hz)
1k
20
-10
10k
50
2k
-20
0
-40
-60
-70
5k
-100
-90
-80
20k
200
100
500
-50
-30
FREQUENCY (Hz)
1k
20
-10
10k
50
2k
-20
0
-40
-60
-70
5k
-100
-90
-80
20k
200
100
500
LM49200, LM49200TLEVAL
SNAS459A – MAY 2009 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
For all performance graphs, the Output Gains are set to 0dB, unless otherwise noted.
PSRR vs Frequency
PSRR vs Frequency
VDD = 5V, VRIPPLE = 200mVP-P, RL = 8Ω
VDD = 5V, VRIPPLE = 200mVP-P, RL = 32Ω
Mode 1, 80kHz BW
Mode 4, 80kHz BW
Figure 21.
Figure 22.
PSRR vs Frequency
Power Dissipation vs Output Power
VDD = 5V, VRIPPLE = 200mVP-P, RL = 32Ω
VDD = 3.3V & 5V, RL = 8Ω BTL
Mode 8, 80kHz BW
Mode 3, 80kHz BW
Figure 23.
Figure 24.
Power Dissipation vs Output Power
Crosstalk vs Frequency
VDD = 3.3V & 5V, RL = 32Ω SE
VDD = 5.0V, VIN = 1VP-P, RL = 8Ω
Mode 12, 80kHz BW
Mode 2, 80kHz BW
Figure 25.
Figure 26.
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com