Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 1 Page - Texas Instruments

  LM49200TLEVAL Datasheet HTML 1Page - Texas Instruments LM49200TLEVAL Datasheet HTML 2Page - Texas Instruments LM49200TLEVAL Datasheet HTML 3Page - Texas Instruments LM49200TLEVAL Datasheet HTML 4Page - Texas Instruments LM49200TLEVAL Datasheet HTML 5Page - Texas Instruments LM49200TLEVAL Datasheet HTML 6Page - Texas Instruments LM49200TLEVAL Datasheet HTML 7Page - Texas Instruments LM49200TLEVAL Datasheet HTML 8Page - Texas Instruments LM49200TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
LM49200
Stereo Class AB Audio Subsystem with a True
Ground Headphone Amplifier
Check for Samples: LM49200, LM49200TLEVAL
1
FEATURES
APPLICATIONS
2
•
Differential Mono Input and Stereo Single-
•
Portable Electronic Devices
Ended Input
•
Mobile Phones
•
32-Step Digital Volume Control (-80 to +18dB)
•
PDAs
•
Three Independent Volume Channels (Left,
Right, Mono)
DESCRIPTION
The LM49200 is a fully integrated audio subsystem
•
Separate Headphone Volume Control
with a stereo power amplifier capable of delivering
•
Flexible Output for Speaker and Headphone
500mW of continuous average power per channel
Output
into 8
Ω with 1% THD+N using a 3.3V supply. The
•
True Ground Headphone Amplifier Eliminates
LM49200 includes a separate stereo headphone
Large DC Blocking Capacitors Reducing PCB
amplifier that can deliver 35mW per channel into
Space and Cost
32
Ω.
•
Receiver Pass-Through Capability
The LM49200 has three input channels. A pair of
single-ended inputs and a fully differential input
•
Soft Enable Function
channel. The LM49200 features a 32-step digital
•
RF Immunity Topology
volume control on the input stage and an 8-step
•
“Click and Pop” Suppression Circuitry
digital volume control on the headphone output stage.
•
Thermal Shutdown Protection
The digital volume control and output modes are
•
Micro-Power Shutdown
programmed through a two-wire I2C compatible
interface that allows flexibility in routing and mixing
•
I2C Control Interface
audio channels.
•
Available in Space-Saving DSBGA Package
The LM49200 is designed for cellular phone, PDA,
KEY SPECIFICATIONS
and other portable handheld applications. The high
level of integration minimizes external components.
•
Supply Voltage (VDD): 2.7V
≤ VDD ≤ 5.5V
The True Ground headphone amplifier eliminates the
•
I2C Supply Voltage: 1.7V
≤ I2CVDD ≤ 5.5V
physically
large
DC
blocking
output
capacitors
reducing required board space and reducing cost.
•
Output power at VDD = 5V, 1% THD+N
–
RL = 8
Ω speaker: 1.25W (typ)
–
RL = 32
Ω headphone: 38mW (typ)
•
Output power at VDD = 3.3V, 1% THD+N
–
RL = 8
Ω speaker: 520W (typ)
–
RL = 32
Ω headphone: 38mW (typ)
•
PSRR:
–
VDD = 3.3V, 217Hz ripple, Mono In: 95dB
(typ)
•
Shutdown power supply current 0.02
μA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM49200TLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49200TL NSC-LM49200TL Datasheet
960Kb / 26P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49200TL/NOPB TI1-LM49200TL/NOPB Datasheet
1Mb / 29P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
National Semiconductor ...
LM49200TLX NSC-LM49200TLX Datasheet
960Kb / 26P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49200TLX/NOPB TI1-LM49200TLX/NOPB Datasheet
1Mb / 29P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
More results

Similar Description - LM49200TLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100_0709 NSC-LM49100_0709 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100_14 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
LM49200 TI1-LM49200 Datasheet
1Mb / 29P
Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com