Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 11 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM49200TLEVAL Datasheet HTML 7Page - Texas Instruments LM49200TLEVAL Datasheet HTML 8Page - Texas Instruments LM49200TLEVAL Datasheet HTML 9Page - Texas Instruments LM49200TLEVAL Datasheet HTML 10Page - Texas Instruments LM49200TLEVAL Datasheet HTML 11Page - Texas Instruments LM49200TLEVAL Datasheet HTML 12Page - Texas Instruments LM49200TLEVAL Datasheet HTML 13Page - Texas Instruments LM49200TLEVAL Datasheet HTML 14Page - Texas Instruments LM49200TLEVAL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
-50
-30
FREQUENCY (Hz)
1k
20
-10
10k
50
2k
-20
0
-40
-60
-70
5k
-100
-90
-80
20k
200
100
500
-50
-30
FREQUENCY (Hz)
1k
20
-10
10k
50
2k
-20
0
-40
-60
-70
5k
-100
-90
-80
20k
200
100
500
-50
-30
FREQUENCY (Hz)
1k
20
-10
10k
50
2k
-20
0
-40
-60
-70
5k
-100
-90
-80
20k
200
100
500
-50
-30
FREQUENCY (Hz)
1k
20
-10
10k
50
2k
-20
0
-40
-60
-70
5k
-100
-90
-80
20k
200
100
500
0.05
0.2
OUTPUT POWER (W)
2
1
10
10m
1m
0.5
2
5
0.1
0.02
0.01
100m
1
3.3V
5V
OUTPUT POWER (W)
50m
10m
1m
5m
20m
2m
0.05
0.01
1
10
0.5
2
5
0.1
0.02
0.001
0.2
0.005
0.002
100m
3.3V
5V
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
For all performance graphs, the Output Gains are set to 0dB, unless otherwise noted.
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.3V & 5V, RL = 32Ω, f = 1kHz
VDD = 3.3V & 5V, RL = 8Ω BTL, f = 1kHz
Mode 8, 80kHz BW
Mode 10, 80kHz BW
Figure 15.
Figure 16.
PSRR vs Frequency
PSRR vs Frequency
VDD = 3.3V, VRIPPLE = 200mVP-P, RL = 8Ω
VDD = 3.3V, VRIPPLE = 200mVP-P, RL = 8Ω
Mode 1, 80kHz BW
Mode 2, 80kHz BW
Figure 17.
Figure 18.
PSRR vs Frequency
PSRR vs Frequency
VDD = 3.3V, VRIPPLE = 200mVP-P, RL =32Ω
VDD = 3.3V, VRIPPLE = 200mVP-P, RL = 32Ω
Mode 4, 80kHz BW
Mode 8, 80kHz BW
Figure 19.
Figure 20.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com