Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 18 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM49200TLEVAL Datasheet HTML 14Page - Texas Instruments LM49200TLEVAL Datasheet HTML 15Page - Texas Instruments LM49200TLEVAL Datasheet HTML 16Page - Texas Instruments LM49200TLEVAL Datasheet HTML 17Page - Texas Instruments LM49200TLEVAL Datasheet HTML 18Page - Texas Instruments LM49200TLEVAL Datasheet HTML 19Page - Texas Instruments LM49200TLEVAL Datasheet HTML 20Page - Texas Instruments LM49200TLEVAL Datasheet HTML 21Page - Texas Instruments LM49200TLEVAL Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
LM49200, LM49200TLEVAL
SNAS459A – MAY 2009 – REVISED APRIL 2013
www.ti.com
HPR_SD BIT
The HPR_SD bit will deactivate the right headphone output amplifier. This bit is provided to reduce power
consumption when only one headphone output is needed.
MODE_CONTROL BITS
In the LM49200 OUTPUT MODE CONTROL register (Table 4), Bit B5 (EP Bypass) controls the operation of the
Earpiece Bypass path. If EP Bypass = 0, it would act under normal output mode operation set by bits B3, B2, B1,
and B0. If EP Bypass = 1, it overrides the B3, B2, B1, and B0 Bits and enables the Receiver Bypass path, a
class AB amplifier, to the speaker output.
Bit B4 (HPR_SD) of the OUPUT MODE CONTROL register controls the right headphone shutdown. If HPR_SD
= 1, the right headphone output is disabled.
The LM49200 includes a comprehensive mixer multiplexer controlled through the I2C interface. The
mixer/multiplexer allows any input combination to appear on any output of LM49200. Multiple input paths can be
selected simultaneously. Under these conditions, the selected inputs are mixed together and output on the
selected channel. Table 5 shows how the input signals are mixed together for each possible input selection.
HP_GAIN BITS
The headphone outputs have an additional, single volume control set by the three HP_Gain bits in the Output
Gain Control register. The HP_Gain volume setting controls the output level for both the left and the right
headphone outputs.
LS (EP_MODE) BIT
The LS (EP_Mode) bit selects the amount of bias current in the loudspeaker amplifier. Setting the LS (EP_Mode)
bit to a '1' will reduce the amount of current from the VDDLS supply by approximately 0.5mA. The THD
performance of the loudspeaker amplifier will be reduced as a result of lower bias current. See the performance
graphs in Typical Performance Characteristics above.
VOLUME CONTROL BITS
The LM49200 has three independent 32-step volume controls, one for each of the inputs. The five bits of the
Volume Control registers sets the volume for the specified input channel.
SHUTDOWN FUNCTION
The LM49200 features the following shutdown controls.
Bit B4 (GAMP_SD) of the SHUTDOWN CONTROL register controls the gain amplifiers. When GAMP_SD = 1, it
disables the gain amplifiers that are not in use. For example, in Modes 1, 4 and 5, the Mono inputs are in use, so
the Left and Right input gain amplifiers are disabled, causing the IDD to be minimized.
Bit B0 (PWR_On) of the SHUTDOWN CONTROL register is the global shutdown control for the entire device.
Set PWR_On = 0 for normal operation. PWR_On = 1 overrides any other shutdown control bit.
DIFFERENTIAL AMPLIFIER EXPLANATION
The LM49200 features a differential input stage, which offers improved noise rejection compared to a single-
ended input amplifier. Because a differential input amplifier amplifies the difference between the two input
signals, any component common to both signals is cancelled. An additional benefit of the differential input
structure is the possible elimination of the DC input blocking capacitors. Since the DC component is common to
both inputs, and thus cancelled by the amplifier, the LM49200 can be used without input coupling capacitors
when configured with a differential input signal.
BRIDGE CONFIGURATION EXPLAINED
By driving the load differentially through the MONO outputs, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is different from the classical single-ended amplifier
configuration where one side of the load is connected to ground.
18
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com