Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 17 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM49200TLEVAL Datasheet HTML 13Page - Texas Instruments LM49200TLEVAL Datasheet HTML 14Page - Texas Instruments LM49200TLEVAL Datasheet HTML 15Page - Texas Instruments LM49200TLEVAL Datasheet HTML 16Page - Texas Instruments LM49200TLEVAL Datasheet HTML 17Page - Texas Instruments LM49200TLEVAL Datasheet HTML 18Page - Texas Instruments LM49200TLEVAL Datasheet HTML 19Page - Texas Instruments LM49200TLEVAL Datasheet HTML 20Page - Texas Instruments LM49200TLEVAL Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
Table 6. Input Volume Control Registers
Bits
Fields
Description
4:0
Mono_Vol
These bits set the input volume for each input volume register listed.
Right_Vol
Volume Step
Value
Gain (dB)
Left_Vol
1
00000
–80.0
2
00001
–46.5
3
00010
–40.5
4
00011
–34.5
5
00100
–30.0
6
00101
–27.0
7
00110
–24.0
8
00111
–21.0
9
01000
–18.0
10
01001
–15.0
11
01010
–13.5
12
01011
–12.0
13
01100
–10.5
14
01101
–9.0
15
01110
–7.5
16
01111
–6.0
17
10000
–4.5
18
10001
–3.0
19
10010
–1.5
20
10011
0.0
21
10100
1.5
22
10101
3.0
23
10110
4.5
24
10111
6.0
25
11000
7.5
26
11001
9.0
27
11010
10.5
28
11011
12.0
29
11100
13.5
30
11101
15.0
31
11110
16.5
32
11111
18.0
TURN_ON_TIME BIT
The Turn_On_Time bit determines the delay time from the Power_On bit set to '1' and the internal circuits ready.
For input capacitor values up to 0.47
μF the Turn_On_Time bit can be set to fast mode by setting the bit to a '1'.
When the input capacitor values are larger than 0.47
μF then the Turn_On_Time bit should be set to '0' for normal
turn-on time and higher delay. This allows sufficient time to charge the input capacitors to the ½ VDDLS bias
voltage.
POWER_ON BIT
The Power_On bit is the master control bit to activate or deactivate the LM49200. All registers can be loaded
independent of the Power_On bit setting as long as the IC is powered correctly. Cycling the Power_On bit does
not change the values of any registers nor return all bits to the default power on value of zero. The Power_On bit
only determines whether the IC is on or off.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com