Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 23 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM49200TLEVAL Datasheet HTML 19Page - Texas Instruments LM49200TLEVAL Datasheet HTML 20Page - Texas Instruments LM49200TLEVAL Datasheet HTML 21Page - Texas Instruments LM49200TLEVAL Datasheet HTML 22Page - Texas Instruments LM49200TLEVAL Datasheet HTML 23Page - Texas Instruments LM49200TLEVAL Datasheet HTML 24Page - Texas Instruments LM49200TLEVAL Datasheet HTML 25Page - Texas Instruments LM49200TLEVAL Datasheet HTML 26Page - Texas Instruments LM49200TLEVAL Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
LM49200 Reference Demo Board Bill Of Materials
Table 7. Bill Of Materials
Designator
Vlaue
Tolerance
Part Description
Comment
R1, R2
5.1k
Ω
5%
1/10W, 0603 Resistors
CIN1, CIN2
1
μF
10%
1206, X7R Ceramic Capacitor
CIN3, CIN4
CS1, CB
2.2
μF
10%
Size A, Tantalum Capacitor
CS2
0.1
μF
10%
0805, 16V, X7R Ceramic Capacitor
CS3, C1
2.2
μF
10%
0603, 10V, X7R Ceramic Capacitor
U2
LM49200TL
J1, J2, J3
J4, J5, J8
0.100" 1x2 header, vertical mount
Input, Output, VDD, GND
J9, J10
J11, J12, J13
0.100" 1x3 header, vertical mount
VDD Selects, VDD, I
2CV
DD, GND
J6
16 pin header
I2C Connector
U1
Headphone Jack
PCB Layout Guidelines
This section provides practical guidelines for mixed signal PCB layout that involves various digital/analog power
and ground traces. Designers should note that these are only "rule-of-thumb" recommendations and the actual
results will depend heavily on the final layout.
General Mixed Signal Layout Recommendations
SINGLE-POINT POWER AND GROUND CONNECTIONS
The analog power traces should be connected to the digital traces through a single point (link). A "Pi-filter" can
be helpful in minimizing high frequency noise coupling between the analog and digital sections. It is further
recommended to put digital and analog power traces over the corresponding digital and analog ground traces to
minimize noise coupling.
PLACEMENT OF DIGITAL AND ANALOG COMPONENTS
All digital components and high-speed digital signals traces should be located as far away as possible from
analog components and circuit traces.
AVOIDING TYPICAL DESIGN AND LAYOUT PROBLEMS
Avoid ground loops or running digital and analog traces parallel to each other (side-by-side) on the same PCB
layer. When traces must cross over each other do it at 90 degrees. Running digital and analog traces at 90
degrees to each other from the top to the bottom side as much as possible will minimize capacitive noise
coupling and cross talk.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com