Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 3 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 3 Page - Texas Instruments

  LM49200TLEVAL Datasheet HTML 1Page - Texas Instruments LM49200TLEVAL Datasheet HTML 2Page - Texas Instruments LM49200TLEVAL Datasheet HTML 3Page - Texas Instruments LM49200TLEVAL Datasheet HTML 4Page - Texas Instruments LM49200TLEVAL Datasheet HTML 5Page - Texas Instruments LM49200TLEVAL Datasheet HTML 6Page - Texas Instruments LM49200TLEVAL Datasheet HTML 7Page - Texas Instruments LM49200TLEVAL Datasheet HTML 8Page - Texas Instruments LM49200TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
4
A
1
2
3
D
C
B
ROUT-
GND
LOUT+
LOUT-
E
ROUT+
VDD
SCL
SDA
HPR
MIN+
LIN
BIAS
C1N
HPL
MIN-
RIN
VSSCP
C1P
CPGND
I
2
CVDD
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
Connection Diagram
Top View
Figure 2. 20 Bump DSBGA Package
(Bump Side Down)
See Package Number YZR0020BBA
Bump Descriptions
Bump
Name
Pin Function
Type
A1
ROUT-
Right Loudspeaker Negative Output
Analog Output
A2
VDD
Power Supply
Power Input
A3
MIN+
Differential Mono Positive Input
Analog Input
A4
MIN-
Differential Mono Negative Input
Analog Input
B1
ROUT+
Right Loudspeaker Positive Output
Analog Output
B2
I2CVDD
I2C power supply
Power Input
B3
LIN
Single-ended Left Input
Analog Input
B4
RIN
Single-ended Right Input
Analog Input
C1
GND
Power Ground
Ground
C2
SCL
I2C Clock
Digital Input
C3
BIAS
Half-Supply Bias point, capacitor bypassed
Analog Output
C4
VSSCP
Negative Charge Pump Power Supply
Analog Output
D1
LOUT+
Left Loudspeaker Negative Output
Analog Output
D2
SDA
I2C Data
Digital Input
D3
CIN
Negative Terminal Charge Pump Flying Capacitor
Analog Output
D4
CIP
Positive Terminal Charge Pump Flying Capacitor
Analog Output
E1
LOUT-
Left Loudspeaker Positive Output
Analog Output
E2
HPR
Right Headphone Output
Analog Output
E3
HPL
Left Headphone Output
Analog Output
E4
CPGND
Charge Pump Ground
Ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com