Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLEVAL Datasheet(PDF) 5 Page - Texas Instruments

Part # LM49200TLEVAL
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL Datasheet(HTML) 5 Page - Texas Instruments

  LM49200TLEVAL Datasheet HTML 1Page - Texas Instruments LM49200TLEVAL Datasheet HTML 2Page - Texas Instruments LM49200TLEVAL Datasheet HTML 3Page - Texas Instruments LM49200TLEVAL Datasheet HTML 4Page - Texas Instruments LM49200TLEVAL Datasheet HTML 5Page - Texas Instruments LM49200TLEVAL Datasheet HTML 6Page - Texas Instruments LM49200TLEVAL Datasheet HTML 7Page - Texas Instruments LM49200TLEVAL Datasheet HTML 8Page - Texas Instruments LM49200TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
Electrical Characteristics VDD = 3.3V
(1) (2)
The following specifications apply for VDD = 3.3V, TA = 25°C, all volume controls set to 0dB, unless otherwise specified.
LS = Loudspeaker, HP = Headphone.
LM49200
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4)
VIN = 0, No Loads
EP Receiver
1.2
1.7
mA (max)
(Output Mode Bit D4 = 1)
IDD
Quiescent Power Supply Current
Stereo LS only (Mode 2)
4
5.5
mA (max)
Stereo HP only (Mode 8)
4.5
6.4
mA (max)
Stereo LS + Stereo HP (Mode 10)
7.0
9.8
mA (max)
ISD
Shutdown Current
0.02
1
µA (max)
VIN = 0V, Mode 10
VOS
Output Offset Voltage
LS output, RL = 8Ω BTL
2.5
15
mV (max)
HP output, RL = 32Ω SE
1.4
5
mV (max)
LS output, Mode 2, RL = 8Ω BTL
520
450
mW (min)
THD+N = 1%, f = 1kHz
PO
Output Power
HP output, Mode 8, RL = 32Ω SE
38
35
mW (min)
THD+N = 1%, f = 1kHz
LS output, f = 1kHz, RL = 8Ω BTL
0.05
%
PO = 250mW, Mode 2
THD+N
Total Harmonic Distortion + Noise
HP output, f = 1kHz, RL = 32Ω SE
0.02
%
PO = 12mW, Mode 8
LS output, f = 1kHz,
VREF = VOUT (1%THD+N)
105
dB
Gain = 0dB, A-weighted
LIN & RIN AC terminated
SNR
Signal-to-Noise Ratio
HP output, f = 1kHz,
VREF = VOUT (1%THD+N)
101
dB
Gain = 0dB, A-weighted
LIN & RIN AC terminated
A-weighted, Inputs terminated to AC GND, Output Referred
Right LS only, Mode 1
8
µV
LS: Mode 1
8
µV
LS: Mode 2
11
µV
εOUT
Output Noise
LS: Mode 3
14
µV
HP: Mode 4
8
µV
HP: Mode 8
9
µV
HP: Mode 12
11
µV
VRIPPLE = 200mVPP, fRIPPLE = 217Hz, CB = 2.2μF
All inputs AC terminated to GND, output referred
LS: Mode 1, RL = 8Ω BTL
95
dB
PSRR
Power Supply Rejection Ratio
LS: Mode 2, RL = 8Ω BTL
75
dB
HP: Mode 4, RL = 32Ω SE
90
dB
HP: Mode 8, RL = 32Ω SE
80
dB
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com