Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 10Page - Texas Instruments TMS320VC33 Datasheet HTML 11Page - Texas Instruments TMS320VC33 Datasheet HTML 12Page - Texas Instruments TMS320VC33 Datasheet HTML 13Page - Texas Instruments TMS320VC33 Datasheet HTML 14Page - Texas Instruments TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
6.18 Switching Characteristics for EXTCLK, All Modes
over recommended operating conditions, all modes (see Figure 3 and Figure 4)
PARAMETER
MIN
TYP
MAX
UNIT
Vmid
Midlevel, used to measure duty cycle
0.5 × DVDD
V
x1 mode
2(1)
4.5
7(1)
td(EXTCLK-H)
Delay time, EXTCLK to H1 and H3
ns
x0.5 mode
2(1)
4.5
7(1)
tr(H)
Rise time, H1 and H3
3(1)
ns
tf(H)
Fall time, H1 and H3
3(1)
ns
td(HL-HH)
Delay time, from H1 low to H3 high or from H3 low to H1 high
–1.5(1)
2(1)
ns
x5 PLL mode
1 / (5 × ƒext)
tc(H)
Cycle time, H1 and H3
x1 mode
1 / ƒext
ns
x0.5 mode
2 / ƒext
(1)
Not production tested
6.19 Switching Characteristics for Memory Read/Write for STRB
over recommended operating conditions for memory read/write
(1) (see Figure 5 through Figure 7)
PARAMETER
MIN
MAX
UNIT
td(H1L-SL)
Delay time, H1 low to STRB low
–1(2)
3
ns
td(H1L-SH)
Delay time, H1 low to STRB high
–1(2)
3
td(H1H-RWL)W
Delay time, H1 high to R/W low (write)
–1(2)
3
td(H1L-A)
Delay time, H1 low to address valid
–1(2)
3
td(H1H-RWH)W
Delay time, H1 high to R/W high (write)
–1(2)
3
td(H1H-A)W
Delay time, H1 high to address valid on back-to-back write cycles (write)
–1(2)
3(2)
tv(H1L-D)W
Valid time, data after H1 low (write)
5
th(H1H-D)W
Hold time, data after H1 high (write)
0(2)
5
(1)
These timings assume a similar loading of 30 pF on all pins.
(2)
Not production tested
6.20 Switching Characteristics for XF0 and XF1 when Executing LDFI or LDII
over recommended operating conditions for XF0 and XF1 when executing LDFI or LDII (see Figure 8)
PARAMETER
MIN
MAX
UNIT
td(H3H-XF0L)
Delay time, H3 high to XF0 low
3
ns
6.21 Switching Characteristics for XF0 when Executing STFI or STII
over recommended operating conditions for XF0 when executing STFI or STII (see Figure 9)
PARAMETER
MIN
MAX
UNIT
td(H3H-XF0H)
Delay time, H3 high to XF0 high(1)
3
ns
(1)
XF0 is always set high at the beginning of the execute phase of the interlock-store instruction. When no pipeline conflicts occur, the
address of the store is also driven at the beginning of the execute phase of the interlock-store instruction. However, if a pipeline conflict
prevents the store from executing, the address of the store will not be driven until the store can execute.
6.22 Switching Characteristics for XF0 and XF1 when Executing SIGI
over recommended operating conditions for XF0 and XF1 when executing SIGI (see Figure 10)
PARAMETER
MIN
MAX
UNIT
td(H3H-XF0L)
Delay time, H3 high to XF0 low
3
ns
td(H3H-XF0H)
Delay time, H3 high to XF0 high
3
14
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com