Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 14Page - Texas Instruments TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments TMS320VC33 Datasheet HTML 20Page - Texas Instruments TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
H1
H3
EXTCLK
tr(EXTCLK)
t f(EXTCLK)
t d(EXTCLK-H)
tc(EXTCLK)
t w(EXTCLKH)
t w(EXTCLKL)
t r(H)
t f(H)
tc(H)
t d(EXTCLK-H)
XOUT
XIN
C1
Crystal
R fbk
VO
C XIN
C XOUT
ROUT
To internal
clock generator
C
2
Rd
(1)
50
Tester Pin
Electronics
VLOAD
IOH
IOL
Output
Under
Test
CT
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
7 Parameter Measurement Information
where:
•
IOL = 4 mA (all outputs) for dc levels test.
•
IO and IOH are adjusted during ac timing analysis to achieve an ac termination of 50 Ω
•
VLOAD = DVDD / 2
•
CT = 40-pF typical load-circuit capacitance
Figure 1. Test Load Circuit
(1)
See Table 3 for value of Rd.
Figure 2. On-Chip Oscillator Circuit
Figure 3. Divide-by-Two Mode
18
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com