Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments TMS320VC33 Datasheet HTML 42Page - Texas Instruments TMS320VC33 Datasheet HTML 43Page - Texas Instruments TMS320VC33 Datasheet HTML 44Page - Texas Instruments TMS320VC33 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
Peripheral Bus
Memory-Mapped Registers
(6 K Words Internal)
Reset, Interrupt, Trap Vector, and
Reserved Locations (64)
(External STRB Active)
0h
03Fh
040h
External
STRB Active
(8 M Words -- 64 Words)
7FFFFFh
800000h
807FFFh
808000h
8097FFh
RAM Block 0
(1 K Words Internal)
809800h
809BFFh
809C00h
809FFFh
80A000h
External
STRB Active
(8 M Words -- 40 K Words)
FFFFFFh
0h
FFFh
1000h
7FFFFFh
800000h
807FFFh
Peripheral Bus
Memory-Mapped Registers
(6 K Words Internal)
808000h
8097FFh
RAM Block 0
(1 K Words Internal)
809800h
809BFFh
809C00h
809FFFh
80A000h
External
STRB Active
(8 M Words --
40 K Words)
FFFFFFh
400000h
RAM Block 1
(1 K Words Internal)
809FC1h
User - Program Interrupt
and Trap Branch Table
FFF000h
External
STRB
Active
(8 M Words --
4 K Words)
Reserved for Bootloader
Operations
(a) Microprocessor Mode
(b) Microcomputer/Bootloader Mode
RAM Block 1
(1 K Words Internal)
RAM Block 3
(16 K Words Internal)
RAM Block 2
(16 K Words Internal)
RAM Block 3
(16 K Words Internal)
RAM Block 2
(16 K Words Internal)
803FFFh
804000h
803FFFh
804000h
63 Words
Boot 1
Boot 2
Boot 3
809FC0h
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
8.3 Register Maps
NOTE: STRB is active over all external memory ranges. PAGE0 to PAGE3 are configured as external bus strobes. These are
simple decoded strobes that have no configuration registers and are active only during external bus activity over the
following ranges:
Figure 36. SMx320VC33 Memory Maps
Table 8. SMx320VC33 Memory Map Active Ranges
Name
Active Range
PAGE0
0000000h – 03FFFFFh
PAGE1
0400000h – 07FFFFFh
PAGE2
0800000h – 0BFFFFFh
PAGE3
0C00000h – 0FFFFFFh
STRB
0000000h – 0FFFFFFh
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com