Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 28Page - Texas Instruments TMS320VC33 Datasheet HTML 29Page - Texas Instruments TMS320VC33 Datasheet HTML 30Page - Texas Instruments TMS320VC33 Datasheet HTML 31Page - Texas Instruments TMS320VC33 Datasheet HTML 32Page - Texas Instruments TMS320VC33 Datasheet HTML 33Page - Texas Instruments TMS320VC33 Datasheet HTML 34Page - Texas Instruments TMS320VC33 Datasheet HTML 35Page - Texas Instruments TMS320VC33 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
CVDD
0 --100 Ω
0.1 F
0.01
F
0 --100 Ω
VSS
PLLVDD
PLLVSS
XOUT
XIN
C1
C2
Crystal
EXTCLK
Rd
PLLVSS
CVDD
100 Ω
PLLVDD
0.1 F
0.01 F
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
Table 3. Typical Crystal Circuit Loading
FREQUENCY (MHz)
Rd (Ω)
C1 (pF)
C2 (pF)
CL(1) (pF)
RL(1) (
Ω)
2
4.7k
18
18
12
200
5
2.2k
18
18
12
60
10
470
15
15
12
30
15
0
15
12
12
25
20
0
9
9
10
25
(1)
CL and RL are typical internal series load capacitance and resistance of the crystal.
Figure 26. Self-Oscillation Mode
8.2.4 PLL Isolation
The internal PLL supplies can be directly connected to CVDD and VSS (0-
Ω case), partially isolated as shown in
Figure 26, or fully isolated as shown in Figure 27. The RC network prevents the PLL supplies from turning high-
frequency noise in the CVDD and VSS supplies into jitter.
Figure 27. PLL Isolation Circuit Diagram
8.2.5 Clock and PLL Considerations on Initialization
On power up, the CPU clock divide mode can be in MAXSPEED, LOPOWER, or IDLE2, or the PLL could be in
an undefined mode. RESET falling in the presence of a valid CPU clock is used to clear this state, after which
the device will synchronously terminate any external activity.
The 5× Fclkin PLL of the 320VC33 contains an 8-bit PLL–LOCK counter that causes the PLL to output a
frequency of Fclkin / 2 during the initial ramp. However, this counter does not increment while RESET is low or in
the absence of an input clock. A minimum of 256 input clocks are required before the first falling edge of reset for
the PLL to output to clear this counter. The following describes the setup and behavior that is observed. Power is
applied to the DSP with RESET low and the input clock high or low. A clock is applied (RESET is still low) and
the PLL appears to lock onto the input clock, producing the expected ×5 output frequency. RESET is driven high
and the PLL output immediately drops to Fclkin / 2 for up to 256 input cycles or 128 of the Fclkin / 2 output
cycles. The PLL/CPU clock then switches to ×5 mode.
32
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com