Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 4Page - Texas Instruments TMS320VC33 Datasheet HTML 5Page - Texas Instruments TMS320VC33 Datasheet HTML 6Page - Texas Instruments TMS320VC33 Datasheet HTML 7Page - Texas Instruments TMS320VC33 Datasheet HTML 8Page - Texas Instruments TMS320VC33 Datasheet HTML 9Page - Texas Instruments TMS320VC33 Datasheet HTML 10Page - Texas Instruments TMS320VC33 Datasheet HTML 11Page - Texas Instruments TMS320VC33 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
6.3 Electrical Characteristics
over recommended ranges of supply voltage (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP(3)
MAX
UNIT
VOH
High-level output voltage
DVDD = MIN, IOH = MAX
2.4
V
VOL
Low-level output voltage
DVDD = MIN, IOL = MAX
0.4
V
IZ
High-impedance current
TC = 25°C, DVDD = MAX
–5
5
μA
II
Input current
TC = 25°C, VI = VSS to DVDD
–5
5
μA
IIPU
Input current (with internal pullup)
Inputs with internal pullups(4)
–600
10
μA
IIPD
Input current (with internal pulldown) Inputs with internal pulldowns(4)
600
10
μA
Input current (with bus keeper)
Bus keeper opposes until conditions
IBKU
–600
10
μA
pullup(5)
match
Input current (with bus keeper)
IBKD
TC = 25°C, ƒx = 75 MHz
600
10
μA
pulldown(5)
IDDD
Supply current, pins(6)(7)
DVDD = MAX
25
260
mA
TC = 25°C, ƒx = 75 MHz, CVDD =
IDDC
Supply current, core CPU(6)(7)
60
215
mA
MAX
PLL enabled, oscillator enabled
2
mA
IDLE2, Supply current IDDD plus
PLL disabled, oscillator enabled
500
IDD
IDDC
μA
PLL disabled, oscillator disabled,
50
FCLK = 0
All inputs except XIN
10(8)
Ci
Input capacitance
pF
XIN
10(8)
Co
Output capacitance
10(8)
pF
(1)
All voltage values are with respect to VSS.
(2)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in Recommended Operating Conditions.
(3)
For VC33, all typical values are at DVDD = 3.3, CVDD = 1.8 V, TC (case temperature) = 25°C.
(4)
Pins with internal pullup devices: TDI, TCK, and TMS. Pin with internal pulldown device: TRST.
(5)
Pins D0 to D31 include internal bus keepers that maintain valid logic levels when the bus is not driven (see Figure 30).
(6)
Actual operating current is less than this maximum value. This value was obtained under specially produced worst-case test conditions,
which are not sustained during normal device operation. These conditions consist of continuous parallel writes of a checkerboard pattern
at the maximum rate possible. See TMS320C3x General-Purpose Applications (SPRU194).
(7)
ƒx is the PLL output clock frequency.
(8)
Not production tested
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com