Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 26Page - Texas Instruments TMS320VC33 Datasheet HTML 27Page - Texas Instruments TMS320VC33 Datasheet HTML 28Page - Texas Instruments TMS320VC33 Datasheet HTML 29Page - Texas Instruments TMS320VC33 Datasheet HTML 30Page - Texas Instruments TMS320VC33 Datasheet HTML 31Page - Texas Instruments TMS320VC33 Datasheet HTML 32Page - Texas Instruments TMS320VC33 Datasheet HTML 33Page - Texas Instruments TMS320VC33 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
8.2 Feature Description
8.2.1 JTAG Scan-Based Emulation Logic
The 320VC33 contains a JTAG port for CPU emulation within a chain of any number of other JTAG devices. The
JTAG port on this device does not include a pin-by-pin boundary scan for point-to-point board level test. The
Boundary Scan tap input and output is internally connected with a single dummy register allowing loop back tests
to be performed through that JTAG domain.
The JTAG emulation port of this device also includes two additional pins, EMU0 and EMU1, for global control of
multiple processors conforming to the TI emulation standard. These pins are open collector-type outputs which
are wire ORed and tied high with a pullup. Non-TI emulation devices should not be connected to these pins.
The VC33 instruction register is 8 bits long. Table 1 shows the instructions code. The uses of SAMPLE and
HIGHZ opcodes, though defined, have no meaning for the SMx320VC33, which has no boundary scan. For
example, HIGHZ affects only the dummy cell (no meaning) and does not put the device pins in a high-impedance
state.
Table 1. Boundary-Scan Instruction Code
INSTRUCTION NAME
INSTRUCTION CODE
EXTEST
00000000
BYPASS
11111111
SAMPLE
00000010(1)
HIGHZ
00000110(1)
PRIVATE1(2)
00000011
PRIVATE2(2)
00100000
PRIVATE3(2)
00100001
PRIVATE4(2)
00100010
PRIVATE5(2)
00100011
PRIVATE6(2)
00100100
PRIVATE7(2)
00100101
PRIVATE8(2)
00100110
PRIVATE9(2)
00100111
PRIVATE10(2)
00101000
PRIVATE11(2)
00101001
(1)
Boundary is only one dummy cell.
(2)
Use of private opcodes could cause the device to operate in an
unexpected manner.
8.2.2 Clock Generator
The clock generator provides clocks to the VC33 device and consists of an internal oscillator and a PLL circuit.
The clock generator requires a reference clock input, which can be provided by using a crystal resonator with the
internal oscillator, or from an external clock source. The PLL circuit generates the device clock by multiplying the
reference clock frequency by a x5 scale factor, allowing use of a clock source with a lower frequency than that of
the CPU. The PLL is an adaptive circuit that, once synchronized, locks onto and tracks an input clock signal.
8.2.3 PLL and Clock Oscillator Control
The clock mode control pins are decoded into four operational modes as shown in Figure 25. These modes
control clock divide ratios, oscillator, and PLL power (see Table 2).
When an external clock input or crystal is connected, the opposite unused input is simply grounded. An XOR
gate then passes one of the two signal sources to the PLL stage. This allows the direct injection of a clock
reference into EXTCLK, or 1- to 20-MHz crystals and ceramic resonators with the oscillator circuit. The two clock
sources include:
•
A crystal oscillator circuit, where a crystal or ceramic resonator is connected across the XOUT and XIN pins
and EXTCLK is grounded.
•
An external clock input, where an external clock source is directly connected to the EXTCLK pin, and XOUT
30
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com