Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 20Page - Texas Instruments TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments TMS320VC33 Datasheet HTML 23Page - Texas Instruments TMS320VC33 Datasheet HTML 24Page - Texas Instruments TMS320VC33 Datasheet HTML 25Page - Texas Instruments TMS320VC33 Datasheet HTML 26Page - Texas Instruments TMS320VC33 Datasheet HTML 27Page - Texas Instruments TMS320VC33 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
EXTCLK
H1
H3
RESET (1)(3)
IACK
D[31:0]
PAGEx, A[23:0]
STRB
Asynchronous
Reset Signals (2)
R/ W
Ten H1 Clock Cycles
tsu(RESET-EXTCLKL)
td(EXTCLKH-H1H)
t d(EXTCLKH-H1L)
t d(EXTCLKH-H3L)
tsu(RESETH-H1L)
tdis(H1H-DZ)
td(EXTCLKH-H3H)
td(H3H-CONTROLH)
tdis(H3H-AZ)
td(H1H-RWH)
td(H1H-IACKH)
t dis(RESETL-ASYNCH)
Execution of
Load of IOF
H3
H1
I /OxFx Bit (1)
XFx
td(H3H-XF)
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
Parameter Measurement Information (continued)
1.
I/OxFx represents either bit 1 or bit 5 of the IOF register.
Figure 13. Timing for Changing XFx from Input to Output Mode
1.
Clock circuit is configured in C31-compatible divide-by-2 mode. If configured for x1 mode, EXTCLK directly
drives H3.
2.
Asynchronous reset signals include XF0/1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, and TCLK0/1.
3.
RESET is a synchronous input that can be asserted at any point during a clock cycle. If the specified timings are
met, the exact sequence shown occurs; otherwise, an additional delay of one clock cycle is possible.
In microprocessor mode, the reset vector is fetched twice, with seven software wait states each time. In
microcomputer mode, the reset vector is fetched twice, with no software wait states.
The address and PAGE3 to PAGE0 outputs are placed in a high-impedance state during reset requiring a nominal
10- to 22-k
Ω pullup. If not, undesirable spurious reads can occur when these outputs are not driven.
Figure 14. RESET Timing
24
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com