Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 12Page - Texas Instruments TMS320VC33 Datasheet HTML 13Page - Texas Instruments TMS320VC33 Datasheet HTML 14Page - Texas Instruments TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments TMS320VC33 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
6.28 Switching Characteristics for Serial Port
over recommended operating conditions (see Figure 34 and Figure 35)
PARAMETER
MIN
MAX
UNIT
td(H1H-SCK)
Delay time, H1 high to internal CLKX/R
4(1)
ns
td(CLKX-DX)
Delay time, CLKX to DX valid
CLKX ext
6
CLKX int
5(1)
td(CLKX-FSX)
Delay time, CLKX to internal FSX high/low
CLKX ext
5
CLKX int
4(1)
td(CLKX-DX)V
Delay time, CLKX to first DX bit, FSX precedes CLKX high
CLKX ext
4
CLKX int
5(1)
td(FSX-DX)V
Delay time, FSX to first DX bit, CLKX precedes FSX
6
tdis(CLKX-DXZ)
Disable time, DX high impedance following last data bit from CLKX high
6
(1)
Not production tested
6.29 Switching Characteristics for HOLD/HOLDA
over recommended operating conditions for HOLD/HOLDA (see Figure 17 and Figure 18)
PARAMETER
MIN
MAX
UNIT
tv(H1L-HOLDA)
Valid time, HOLDA after H1 low
–1(1)
3(1)
ns
tw(HOLDA)
Pulse duration, HOLDA low
2tc(H) – 4
(1)
td(H1L-SH)H
Delay time, H1 low to STRB high for a HOLD
–1
3
tdis(H1L-S)
Disable time, STRB to the high-impedance state from H1 low
4
ten(H1L-S)
Enable time, STRB enabled (active) from H1 low
4
tdis(H1L-RW)
Disable time, R/W to the high-impedance state from H1 low
5(1)
ten(H1L-RW)
Enable time, R/W enabled (active) from H1 low
4
tdis(H1L-A)
Disable time, address to the high-impedance state from H1 low
4(1)
ten(H1L-A)
Enable time, address enabled (valid) from H1 low
5
tdis(H1H-D)
Disable time, data to the high-impedance state from H1 high
4(1)
(1)
Not production tested.
6.30 Switching Characteristics for Peripheral Pin General-Purpose I/O
over recommended operating conditions for peripheral pin general-purpose I/O (see Figure 19 and Figure 20)
(1)
PARAMETER
MIN
MAX
UNIT
td(H1H-GPIO)
Delay time, H1 high to general-purpose output
4
ns
tdis(H1H)
Disable time, general-purpose output from H1 high
5
(1)
Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. The modes of these pins are defined by the contents of
internal-control registers associated with each peripheral.
6.31 Switching Characteristics for Timer Pin
over recommended operating conditions for timer pin (see Figure 21 and Figure 22)
PARAMETER
MIN
MAX
UNIT
td(H1H-TCLK)
Delay time, H1 high to TCLK internal valid
3
ns
tc(TCLK)
(1)
Cycle time, TCLK
TCLK ext
tc(H) × 2.6
(2)
TCLK int
tc(H) × 2
(2)
tc(H) × 232
(2)
tw(TCLK)
(1)
Pulse duration, TCLK
TCLK ext
tc(H) + 5
(2)
TCLK int
[tc(TCLK) / 2] - 4
(2)
[tc(TCLK) / 2] + 4
(2)
(1)
These parameters are applicable for an asynchronous input clock.
(2)
Not production tested
16
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com