Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments TMS320VC33 Datasheet HTML 20Page - Texas Instruments TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments TMS320VC33 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
1
2
3
4
5
10
20
30
50
40
Low-Noise Buffer
High-Speed Buffer
Load Capacitance (pF)
0.05 ns/pF
0.04 ns/pF
LOAD
0 pF
15 pF
30 pF
50 pF
2.0
2.6
3.2
4.0
2.8
3.4
4.4
5.25
HIGH
SPEED
LOW
NOISE
H1
H3
EXTCLK
tr(EXTCLK)
t d(HL-HH)
t f(EXTCLK)
t w(EXTCLKL)
t w(EXTCLKH)
tc(EXTCLK)
t d(EXTCLK-H)
tc(H)
t d(EXTCLK-H)
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
Parameter Measurement Information (continued)
EXTCLK is held low.
Figure 4. Divide-by-One Mode
This figure shows output load characteristics for high-speed and low-speed (low-noise) output buffers. High-speed
buffers are used on A0 to A23, PAGE0 to PAGE3, H1, H3, STRB, and R/W. All other outputs use the low-speed,
(low-noise) output buffer.
CLmax = 30 pF
Figure 5. Output Load Characteristics, Buffer Only
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com