Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 30Page - Texas Instruments TMS320VC33 Datasheet HTML 31Page - Texas Instruments TMS320VC33 Datasheet HTML 32Page - Texas Instruments TMS320VC33 Datasheet HTML 33Page - Texas Instruments TMS320VC33 Datasheet HTML 34Page - Texas Instruments TMS320VC33 Datasheet HTML 35Page - Texas Instruments TMS320VC33 Datasheet HTML 36Page - Texas Instruments TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
D Q
H3
Abus
N--Bit
Bank
Compare
Abus_old
N_Wait
Counter
R
H3
D
Q
H1
BUS_READY
1
2
3
0
PAGE_0
PAGE_1
PAGE_2
PAGE_3
Decode
A23
A22
Bus_Enable_Strobe,
0 = Active
Pins
Device
Enable
STRB Pin
READY Pin
R/W Pin
R/ W
0 = Bus Idle
To C31 Style
Decoder
(C31 Compatibility)
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
Table 4. PAGE0 to PAGE3 Ranges
START
END
PAGE0
0x000000
0x3FFFFF
PAGE1
0x400000
0x7FFFFF
PAGE2
0x800000
0xBFFFFF
PAGE3
0xC00000
0xFFFFFF
8.2.9 Using External Logic With the READY Pin
The key to designing external wait-state logic is the internal bus control register and associated internal logic that
logically combines the external READY pin with the much faster on-chip bus control logic. This essentially allows
slow external logic to interact with the bus while easily meeting the READY input timings. Note that the combined
ready signals are sampled on the rising edge of the internal H1 clock. Refer to Figure 29 for the following
examples.
Example 1: A simple 0 or WTCNT wait-state decoder can be created by simply tying an address line back to the
READY pin and selecting the AND option. When the tied back address is low, the bus runs with 0 wait states.
When the tied back address is high, the bus is controlled by the internal wait-state counter.
By enabling the bank compare logic, proper operation is further ensured by inserting a null cycle before a read
on the next bank is performed (writes are not pre-extended). This extra time can also be used by external logic to
affect the feedback path.
Example 2: An N–WTCNT minimum wait-state decoder can also be created by tying back an address line to
READY and logically ORing it with the internal bank compare and wait count signals. When the address pin is
low, bus timing is determined by the internal WTCNT and BNKCMP settings. When the address line is high, the
bus can run no faster than the WTCNT counter and is extended as long as READY is held high.
Figure 29. Internal Ready Logic, Simplified Diagram
34
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com