Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 34Page - Texas Instruments TMS320VC33 Datasheet HTML 35Page - Texas Instruments TMS320VC33 Datasheet HTML 36Page - Texas Instruments TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments TMS320VC33 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
100 Ω
TL7705A
RESIN
270 Ω
JP2
180 Ω
TCK_RET (Pin 9)(1)
EMU1 (Pin 14)
EMU0 (Pin 13)
74AS1034
GND (Pins 4,6,8,10,12)
TRST (Pin 2)
TCK (Pin 11)(1)
10.368 MHz
33 Ω
33 Ω
TDI (Pin 3)
TMS (Pin 1)
TDO (Pin 7)
74LVT240
180 Ω
JP1
270 Ω
74F175
Q
Q
D
+5 V
+5 V
74AS1004
Y
Y
Y
Y
A
PD(V
) (Pin 5)
CC
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
•
A 10.368-MHz test clock source is provided. Another test clock can be used for greater flexibility.
1.
The emulator pod uses TCK_RET as its clock source for internal synchronization. TCK is provided as an
optional target system test clock source.
Figure 33. JTAG Emulator Cable Pod Interface
8.2.16 Reset Timing
RESET is an asynchronous input that can be asserted at any time during a clock cycle. If the specified timings
are met, the exact sequence shown in Figure 14 occurs; otherwise, an additional delay of one clock cycle is
possible.
The asynchronous reset signals include XF0/1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, and TCLK0/1.
Resetting the device initializes the bus control register to seven software wait states and therefore results in slow
external accesses until these registers are initialized.
HOLD is a synchronous input that can be asserted during reset. It can take nine CPU cycles before HOLDA is
granted.
Timing Requirements for RESET defines the timing parameters for the RESET signal.
8.2.17 Interrupt Response TIming
The interrupt (INTx) pins are synchronized inputs that can be asserted at any time during a clock cycle. The
TMS320C3x interrupts are selectable as level- or edge-sensitive. Interrupts are detected on the falling edge of
H1. Therefore, interrupts must be set up and held to the falling edge of the internal H1 for proper detection. The
CPU and DMA respond to detected interrupts on instruction-fetch boundaries only.
For the processor to recognize only one interrupt when level mode is selected, an interrupt pulse must be set up
and held such that a logic-low condition occurs for:
•
A minimum of one H1 falling edge
•
No more than two H1 falling edges
•
Interrupt sources whose edges cannot be specified to meet the H1 falling edge setup and hold times must be
38
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com