Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 2 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 2 Page - ESS Technology,Inc

  ES9018K2M Datasheet HTML 1Page - ESS Technology,Inc ES9018K2M Datasheet HTML 2Page - ESS Technology,Inc ES9018K2M Datasheet HTML 3Page - ESS Technology,Inc ES9018K2M Datasheet HTML 4Page - ESS Technology,Inc ES9018K2M Datasheet HTML 5Page - ESS Technology,Inc ES9018K2M Datasheet HTML 6Page - ESS Technology,Inc ES9018K2M Datasheet HTML 7Page - ESS Technology,Inc ES9018K2M Datasheet HTML 8Page - ESS Technology,Inc ES9018K2M Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
CONFIDENTIAL Rev. 3.6
March 26, 2021
ES9018K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
2
FUNCTIONAL BLOCK DIAGRAM
TYPICAL APPLICATION DIAGRAM
PCM /
DSD /
SPDIF
Interface
ASRC
&
Jitter
Reduction
OVERSAMPLING FILTER
Fast/Slow roll-off (PCM)
50/60/70kHz (DSD)
De-emphasis (PCM)
Volume Control
Soft Mute
Zero Detect
CONTROL INTERFACE
Core & IO
Power Supply
32-bit
HyperstreamTM
DAC (2x)
32-bit
HyperstreamTM
DAC (2x)
Dynamic
Matching
(2x)
DAC
Power Supply
DATA_CLK
DVCC
(1.8/3.3V)
GND
XI / MCLK
XO
DPLL
DATA[2:1]
DACL, DACR
DACLB, DACRB
ES9018K2M
AVCC_L, AVCC_R
(3.3V)
Core
Voltage
OSC
VCCA
(3.3V)
DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com