Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9018K2M Datasheet HTML 1Page - ESS Technology,Inc ES9018K2M Datasheet HTML 2Page - ESS Technology,Inc ES9018K2M Datasheet HTML 3Page - ESS Technology,Inc ES9018K2M Datasheet HTML 4Page - ESS Technology,Inc ES9018K2M Datasheet HTML 5Page - ESS Technology,Inc ES9018K2M Datasheet HTML 6Page - ESS Technology,Inc ES9018K2M Datasheet HTML 7Page - ESS Technology,Inc ES9018K2M Datasheet HTML 8Page - ESS Technology,Inc ES9018K2M Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
CONFIDENTIAL
Analog Reinvented
ES9018K2M
32-bit Stereo Low Power Audio DAC
Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
FEATURE
DESCRIPTION
Patented 32-bit HyperStream™ DAC
o
+127dB DNR
o
–120dB THD+N
o
Industry’s highest performance 32-bit mobile audio DAC with
unprecedented dynamic range and ultra-low distortion
o
Supports both synchronous and ASRC (asynchronous
sample rate converter) modes
Patented Time Domain Jitter Eliminator
o
Unmatched audio clarity free from input clock jitter
64-bit accumulator and 32-bit processing
o
Distortion free signal processing
Integrated DSP Functions
o
Click-free soft mute and volume control
o
Programmable Zero detect
o
De-emphasis for 32kHz, 44.1kHz, and 48kHz sampling
Customizable output configuration
o
Mono or stereo output in current or voltage mode based on
performance criterion
I2C control
o
Allows software control of DAC features
28-QFN (5mm x 5mm) package
o
Minimizes PCB footprint
52mW typical operating power
< 1mW standby power
o
Maximizes battery life
Versatile digital input
o
Supports SPDIF, PCM (I2S, LJ 16-32-bit) or DSD input
Customizable filter characteristics
o
User-programmable filter allowing custom roll-off response
o
By-passable oversampling filter
APPLICATIONS
• Mobile phones / Tablets / Digital music players / Portable multimedia players
• Blu-ray / SACD / DVD-Audio player
• Audio preamplifier and A/V receiver
• Professional audio recording systems / Mixing consoles / Digital audio workstation
The ES9018K2M SABRE32 Reference DAC is a high-performance 32-bit, 2-channel audio D/A converter
targeted for audiophile-grade portable power sensitive applications such as digital music players, consumer
applications such as Blu-ray players, audio pre-amplifiers and A/V receivers, as well as professional
applications such as recording systems, mixer consoles and digital audio workstations.
Using the critically acclaimed ESS patented 32-bit HyperStream™ DAC architecture and Time Domain Jitter
Eliminator, the ES9018K2M SABRE32 Reference DAC delivers a DNR of up to 127dB and THD+N of –120dB,
a performance level that will satisfy the most demanding audio enthusiasts.
The ES9018K2M SABRE32 Reference DAC
’s 32-bit HyperStream™ architecture can handle up to 32-bit,
384kHz PCM data via I2S, DSD-11.2MHz data as well as mono mode for highest performance applications.
Both synchronous and ASRC (asynchronous sample rate conversion) modes are supported.
The ES9018K2M SABRE32 Reference DAC comes in 28-QFN package and typically consumes 52mW in
normal operating mode (< 1mW in standby mode).
The ES9018K2M SABRE32 Reference DAC sets the standard for HD audio performance, SABRE SOUNDTM,
in an easy-to-use form factor for
today’s most demanding digital-audio applications.


Similar Part No. - ES9018K2M

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
More results

Similar Description - ES9018K2M

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
Ultra 32-bit Stereo Mobile Audio DAC
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
logo
ESS Technology,Inc
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
Reference 32-bit Audio DAC
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
32-Bit Stereo Low Power Audio DAC
July 17, 2019
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
Reference 32-bit Audio DAC
August 9, 2021
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
32-Bit Stereo Low Power Audio DAC
January 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com