Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 30 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 30 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 26Page - ESS Technology,Inc ES9018K2M Datasheet HTML 27Page - ESS Technology,Inc ES9018K2M Datasheet HTML 28Page - ESS Technology,Inc ES9018K2M Datasheet HTML 29Page - ESS Technology,Inc ES9018K2M Datasheet HTML 30Page - ESS Technology,Inc ES9018K2M Datasheet HTML 31Page - ESS Technology,Inc ES9018K2M Datasheet HTML 32Page - ESS Technology,Inc ES9018K2M Datasheet HTML 33Page - ESS Technology,Inc ES9018K2M Datasheet HTML 34Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
CONFIDENTIAL Rev. 3.6
March 26, 2021
ES9018K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
30
XI / MCLK Timing
t
MCH
t
MCL
t
MCY
MCLK
t
MCH
t
MCL
t
MCY
MCLK
Parameter
Symbol
Min
Max
Unit
MCLK pulse width high
TMCH
4.5
ns
MCLK pulse width low
TMCL
4.5
ns
MCLK cycle time
TMCY
10
ns
MCLK duty cycle
45:55
55:45
Audio Interface Timing
L
t
DCH
t
DCL
t
DCY
DATA_CLK
t
DH
t
DS
DATA[8:1]
Valid
Invalid
Valid
t
DCH
t
DCL
t
DCY
DATA_CLK
t
DH
t
DS
DATA[8:1]
Valid
Invalid
Valid
DATA_CLK
DATA[2:1]
Parameter
Symbol
Min
Max
Unit
DATA_CLK pulse width high
tDCH
4.5
ns
DATA_CLK pulse width low
tDCL
4.5
ns
DATA_CLK cycle time
tDCY
10
ns
DATA_CLK duty cycle
45:55
55:45
DATA set-up time to DATA_CLK rising edge
tDS
4.1
ns
DATA hold time to DATA_CLK rising edge
tDH
2
ns
Notes:
•
Audio data on DATA[2:1] are sampled at the rising edges of DATA_CLK and must satisfy the setup and hold time
requirements relative to the rising edge of DATA_CLK
•
For DSD Phase mode, the normal data (D0, D1, D2... on p.10) must satisfy the setup and hold time requirements relative
to the rising edge of DATA_CLK. The complimentary data (D0, D1, etc.) will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com