Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 7 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 7 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 3Page - ESS Technology,Inc ES9018K2M Datasheet HTML 4Page - ESS Technology,Inc ES9018K2M Datasheet HTML 5Page - ESS Technology,Inc ES9018K2M Datasheet HTML 6Page - ESS Technology,Inc ES9018K2M Datasheet HTML 7Page - ESS Technology,Inc ES9018K2M Datasheet HTML 8Page - ESS Technology,Inc ES9018K2M Datasheet HTML 9Page - ESS Technology,Inc ES9018K2M Datasheet HTML 10Page - ESS Technology,Inc ES9018K2M Datasheet HTML 11Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
March 26, 2021
CONFIDENTIAL Rev. 3.6
ES9018K2M Datasheet
7
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
System Clock (XI / MCLK)
A system clock is required for proper operation of the digital filters and modulation circuitry. See p.30, Note 2 for the
maximum MCLK frequencies supported. The minimum system clock frequency must also satisfy:
Data Type
Minimum MCLK Frequency
Note
DSD Data
MCLK > 3 x FSR , FSR = 2.8224MHz (x 1, 2 or 4)
The maximum FSR
frequency is further
limited by the maximum
MCLK frequencies
supported as shown p.30,
Note 2.
Serial Normal Mode
MCLK > 192 x FSR, FSR
 384kHz
or
MCLK = 128 x FSR (synchronous MCLK) with FSR
 384kHz
Serial OSF Bypass Mode
MCLK > 24 x FSR, FSR
 1.536MHz
SPDIF Data
MCLK > 386 x FSR, FSR
 200kHz
Data Clock
DATA_CLOCK must be (2 x i2s_length) x FSR for SERIAL, and FSR for DSD modes. For SPDIF mode, this pin is used for
SPDIF input. This pin should be pulled low if not used.
Built-in Digital Filters
Three digital filters (fast roll-off, slow roll-off filters and minimum phase filter) are included for PCM data. See 'PCM Filter
Characteristics' for more information.
Standby Mode
For lowest power consumption the followings should be performed to enter stand-by mode:
•
Set the soft_start bit in register 14 to 1'b0 to ramp the DAC outputs (DACL, DACLB, DACR, DACRB) to ground.
•
RESETB pin should be brought to low digital level to:
o
Shut off the DACs, Oscillator and internal regulator.
o
Force digital I/O pins (DATA_CLK, DATA1, GPIO1, GPIO2, SDA ) into tri-state mode
o
Reset all registers to default states
•
If XI/MCLK is supplied externally, it should be stopped at logic low level
•
If DVDD is supplied by an external regulator, it should be shut down during standby.
To resume from standby mode, bring RESETB to high digital level and reinitialize all registers.
DVDD Supply
The ES9018K2M is equipped with a regulated DVDD supply powered from DVCC. The internal DVDD regulator must be
decoupled to DGND with a capacitor that maintains a minimum value of 1
F at 1.2V over the target operating temperature
range. The recommended capacitor for decoupling DVDD is a 2.2
F ±20%, X5R 6.3V 0402, e.g. TDK part number
C1005X5R0J225M050BC or similar.
•
The internal DVDD should be used except under the following conditions:
PCM (SPDIF, I2S with OSF Bypass off or on): MCLK > 50MHz or FSR > 192kHz
DSD: MCLK > 50MHz or FSR > 11.2MHz
•
Internal DVDD may be used up to the maximum supported MCLK frequencies specified on p.29, Note 2. An External
DVDD (+1.3V) supply must be used above those frequencies. The external supply voltage must be greater than the
internal supply of +1.2V so the internal supply is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com