Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 12 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 12 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 8Page - ESS Technology,Inc ES9018K2M Datasheet HTML 9Page - ESS Technology,Inc ES9018K2M Datasheet HTML 10Page - ESS Technology,Inc ES9018K2M Datasheet HTML 11Page - ESS Technology,Inc ES9018K2M Datasheet HTML 12Page - ESS Technology,Inc ES9018K2M Datasheet HTML 13Page - ESS Technology,Inc ES9018K2M Datasheet HTML 14Page - ESS Technology,Inc ES9018K2M Datasheet HTML 15Page - ESS Technology,Inc ES9018K2M Datasheet HTML 16Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
CONFIDENTIAL Rev. 3.6
March 26, 2021
ES9018K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
12
REGISTER SETTINGS
Register #0: System Settings
8 bit, Read-Write Register, Default = 0x00
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
osc_drv
reserved *
soft_reset
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
[7:4]
osc_drv
Oscillator drive specifies the bias current to the oscillator pad.
•
4'b0000: full bias (default)
•
4'b1000: 3/4 bias
•
4'b1100: 1/2 bias
•
4'b1110: 1/4 bias
•
4'b1111: shut down the oscillator
•
Other settings: reserved
It is recommended to use the default setting.
[3:1]
reserved *
[0]
soft_reset
1'b1 resets chip
1'b0 is normal operation (default)
* All Reserved Bits in Register #0 must be set to the indicated logic level to ensure correct device operation.
Register #1: Input Configuration
8 bit, Read-Write Register, Default = 0x8C
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
i2s_length
i2s_mode
auto_input_select
input_select
Default
1
0
0
0
1
1
0
0
Bit
Mnemonic
Description
[7:6]
i2s_length
2'd0 = 16bit
2'd1 = 24bit
2'd2 or 2'd3 = 32bit (default)
[5:4]
i2s_mode
2’d0 = I2S (default)
2’d1 = LJ mode
2’d2 = I2S
2’d3 = LJ mode
[3:2]
auto_input_select
2'd0 = input select
2'd1 = I2S or DSD
2'd2 = I2S or SPDIF
2'd3 = I2S, SPDIF or DSD (default)
[1:0]
input_select
2'd0 = I2S (default)
2'd1 = SPDIF
2'd2 = reserved
2'd3 = DSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com