Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 20 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 20 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 16Page - ESS Technology,Inc ES9018K2M Datasheet HTML 17Page - ESS Technology,Inc ES9018K2M Datasheet HTML 18Page - ESS Technology,Inc ES9018K2M Datasheet HTML 19Page - ESS Technology,Inc ES9018K2M Datasheet HTML 20Page - ESS Technology,Inc ES9018K2M Datasheet HTML 21Page - ESS Technology,Inc ES9018K2M Datasheet HTML 22Page - ESS Technology,Inc ES9018K2M Datasheet HTML 23Page - ESS Technology,Inc ES9018K2M Datasheet HTML 24Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
CONFIDENTIAL Rev. 3.6
March 26, 2021
ES9018K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
20
Register #21: GPIO Input Selection and OSF Bypass
8 bit, Read-Write Register, Default = 0x00
Bits
[7:6]
[5:4]
[3]
[2]
[1]
[0]
Mnemonic
gpio_input_sel2
gpio_input_sel1
reserved *
bypass_iir
reserved *
bypass_osf
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
[7:6]
gpio_input_sel2
Selects which input will be selected when GPIOX = 1
’b1
2
’d0 = I2S data (default)
2
’d1 = SPDIF data
2’d2 = reserved
2
’d3 = DSD data
[5:4]
gpio_input_sel1
Selects which input will be selected when GPIOX = 1
’b0
2
’d0 = I2S data (default)
2
’d1 = SPDIF data
2’d2 = reserved
2
’d3 = DSD data
[3]
reserved *
[2]
bypass_iir
1
’b0 = Use the IIR filter (default)
1
’b1 = Bypass the IIR filter.
[1]
reserved *
[0]
bypass_osf
1
’b0 = Use the interpolating 8x FIR filter (default)
1
’b1 = Bypass the interpolating 8x FIR filter.
Note: Bypassing the interpolating filter requires that the input data be
oversampled at 8x fs by an external oversampling filter.
* All Reserved Bits in Register #21 must be set to the indicated logic level to ensure correct device operation.
Notes: Any of the GPIO can be configured to be used as an input select. This allows an external MCU or controller to set
the input type by setting the GPIO to either logic high (1
’b1) or logic low (1’b0). To set this feature, the first step is to enable
one of the GPIO as an input select by setting gpio_cfg to 4
’d9. Once a GPIO is configured as an input select it has the ability
to select between two different inputs. The first input (logic low) is set via register 21[5:4]. The second input (logic high) is
set via register 21[7:6]. Only one GPIO should be configured as an input select, and the ES9018K2M will only use the first
GPIO if multiple GPIOs are configured as an input selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com