Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES9018K2M Datasheet HTML 1Page - ESS Technology,Inc ES9018K2M Datasheet HTML 2Page - ESS Technology,Inc ES9018K2M Datasheet HTML 3Page - ESS Technology,Inc ES9018K2M Datasheet HTML 4Page - ESS Technology,Inc ES9018K2M Datasheet HTML 5Page - ESS Technology,Inc ES9018K2M Datasheet HTML 6Page - ESS Technology,Inc ES9018K2M Datasheet HTML 7Page - ESS Technology,Inc ES9018K2M Datasheet HTML 8Page - ESS Technology,Inc ES9018K2M Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
CONFIDENTIAL Rev. 3.6
March 26, 2021
ES9018K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
4
PIN DESCRIPTIONS
Pin
Name
Pin Type
Reset
State
Pin Description
1
DGND
Ground
Ground
Digital Ground
2
N.C.
-
-
No internal connection. Pin may be grounded if desired.
3
SCL
I
Tri-stated
I2C Serial Clock Input
4
SDA
I/O
Tri-stated
I2C Serial Data Input / Output
5
ADDR
I
Tri-stated
I2C Address Select
6
XO
AO
Floating
XTAL Output
7
XI (MCLK)
AI
Floating
XTAL / MCLK Input
8
AGND
Ground
Ground
Analog Ground
9
DACR
AO
Driven to
ground
Differential Positive Analog Output Right
10
DACRB
AO
Driven to
ground
Differential Negative Analog Output Right
11
AGND_R
Ground
Ground
Analog Ground
12
AGND_L
Ground
Ground
Analog Ground
13
DACL
AO
Driven to
ground
Differential Positive Analog Output Left
14
DACLB
AO
Driven to
ground
Differential Negative Analog Output Left
15
AVCC_L
Power
Power
Analog AVCC for Left Channel
16
AVCC_R
Power
Power
Analog AVCC for Right Channel
17
VCCA
Power
Power
Analog +3.3V for OSC
18
DVCC
Power
Power
Digital +1.8V to +3.3V
19
N.C.
-
-
No internal connection. Pin may be grounded if desired.
20
DGND
Ground
Ground
Digital Ground. Internally connected to the Exposed Pad.
21
DVDD
Power
(Internal /
External)
Power
Digital Core Voltage, nominally +1.2V, is supplied by a regulator
from DVCC. DVDD must be decoupled with a minimum 2.2
F
capacitor to DGND. DVDD needs to be externally supplied for
high XI / MCLK frequency. Please refer to the section about the
DVDD supply on page 7 for additional information.
22
N.C.
-
-
No internal connection. Pin may be grounded if desired.
23
GPIO2
I/O
Tri-stated
GPIO 2
24
GPIO1
I/O
Tri-stated
GPIO 1
25
DATA2
I
Tri-stated
DSD Data2 I or PCM Data CH1/CH2 or SPDIF Input 2
26
DATA1
I/O
Tri-stated
Master mode off: Input for DSD Data1 (L) or PCM Frame Clock
or SPDIF Input 3
Master mode on: Output for PCM Frame Clock
27
DATA_CLK
I/O
Tri-stated
Master mode off: Input for PCM Bit Clock OR DSD Bit Clock OR
SPDIF Input 1
Master mode on: Output for PCM Bit Clock
28
RESETB
I
Tri-stated
Master Reset / Power Down (active low)
Exposed
Pad
DGND
Ground
Ground
The exposed pad must be connected to Digital Ground
Notes:
-
There are 3 N.C. (No Connect) pins. If desired, these pins can be connected to ground on the PCB to strengthen the
otherwise isolated pin pads. Alternatively the N.C. pins can be used to route signals to simplify PCB layout.
-
The exposed pad must be connected to digital ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com