Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 4Page - ESS Technology,Inc ES9018K2M Datasheet HTML 5Page - ESS Technology,Inc ES9018K2M Datasheet HTML 6Page - ESS Technology,Inc ES9018K2M Datasheet HTML 7Page - ESS Technology,Inc ES9018K2M Datasheet HTML 8Page - ESS Technology,Inc ES9018K2M Datasheet HTML 9Page - ESS Technology,Inc ES9018K2M Datasheet HTML 10Page - ESS Technology,Inc ES9018K2M Datasheet HTML 11Page - ESS Technology,Inc ES9018K2M Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
CONFIDENTIAL Rev. 3.6
March 26, 2021
ES9018K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
8
Programmable FIR filter
A two stage interpolating FIR design is used. The interpolating FIR filter is generated using MATLAB, and can then be
downloaded using a custom C code.
Example Source Code for Loading a Filter
// only accept 128 or 16 coefficients
// Note:
The coefficients must be quantized to 24 bits for this method!
// Note:
Stage 1 consists of 128 values (0-127 being the coefficients)
// Note:
Stage 2 consists of 16 values (0-13 being the coefficients, 14-15 are zeros)
// Note:
Stage 2 is symmetric about coefficient 13.
See the example filters for more information.
byte reg26 = (byte)(coeffs.Count == 128 ? 0 : 128);
for (int i = 0; i < coeffs.Count; i++)
{
// stage 1 contains 128 coefficients, while stage 2 contains 16 coefficients
registers.WriteRegister(26, (byte)(reg26 + i));
// write the coefficient data
registers.WriteRegister(27, (byte)(coeffs[i] & 0xff));
registers.WriteRegister(28, (byte)((coeffs[i] >> 8) & 0xff));
registers.WriteRegister(29, (byte)((coeffs[i] >> 16) & 0xff));
registers.WriteRegister(30, 0x02);
// set the write enable bit
}
// disable the write enable bit when’we're done
registers.WriteRegister(30, (byte)(setEvenBit ? 0x04 : 0x00));
OSF Bypass
The oversampling FIR filter can be bypassed, sourcing data directly into the IIR filter. ESS recommends using 8 x FSR as
the input. For example, an external signal at 44.1kHz can be oversampled externally to 8 x 44.1kHz = 352.8kHz and then
applied to the serial decoder in either I2S or LJ format. The maximum sample rate that can be applied is 1.536MHz (8 x
192kHz).
THD Compensation
THD Compensation removes the non-linearity of the DAC resistors and to a lesser degree the non-linearity of passive
components in the output stage. Taking the I-V characteristic curve of a real resistor you will notice that it as a slight
downward curvature. As more current flows, more power dissipates the resistor heats and the resistance rises.
Non-linearity of the DAC output resistors can lead to output distortion in two ways:
•
Amplitude modulation of the output current from the DAC
•
Gain modulation of the output stage as the output impedance of the DAC swings with the audio signal
The ES9018K2M includes models for its output resistors and can compensate for their characteristic curve by finely adjusting
the DAC codes for large and small signal amplitudes.
THD Compensation is effective if the base THD+N measurement with no compensation is less than approximately 70dBr. If
your system performs worse than this, check for other errors with the circuit before applying the THD Compensation.
Registers #13, and #22 to #25 are used for THD Compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com