Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 40 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 40 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 33Page - ESS Technology,Inc ES9018K2M Datasheet HTML 34Page - ESS Technology,Inc ES9018K2M Datasheet HTML 35Page - ESS Technology,Inc ES9018K2M Datasheet HTML 36Page - ESS Technology,Inc ES9018K2M Datasheet HTML 37Page - ESS Technology,Inc ES9018K2M Datasheet HTML 38Page - ESS Technology,Inc ES9018K2M Datasheet HTML 39Page - ESS Technology,Inc ES9018K2M Datasheet HTML 40Page - ESS Technology,Inc ES9018K2M Datasheet HTML 41Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
CONFIDENTIAL Rev. 3.6
March 26, 2021
ES9018K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
40
ORDERING INFORMATION
Part Number
Description
Package
ES9018K2M
Sabre32 Reference 32-bit Low Power Stereo Audio DAC
28-pin QFN
The letter K identifies the package type QFN.
Revision History
Rev.
Date
Notes
1.4
June 6, 2014
Added SABRE SOUNDTM trademark
1.5
July 22, 2014
Updated ESS Technology FAX number. Added medical use disclaimer.
Emphasized that Pin 20 and the Exposed Pad must be connected to Digital
Ground
1.6
August 26, 2014
Added conditions when an external DVDD regulator is required
1.7
September 8, 2014
Corrected typo on Register#7 Bit
[6:5], 3’dX changed to 2’dX.
Identified Left and Right channels for Registers #15 and #16 respectively.
Updated DAC output impedance from 781.25
 to 806
1.8
September 24, 2014
Removed reference to Right Justified data format that is not supported
1.9
October 1, 2014
Added details on the use of an external +1.3V DVDD supply
2.0
October 6, 2014
Updated Revision Identification from Chip Marking diagram.
Added specification to the Absolute Maximum Ratings table
2.1
October 16, 2014
Added table to Register #65 description
2.2
December 1, 2014
Corrected value of differential current output range on page 29
2.3
January 8, 2015
Added details on decoupling required for the DVDD core supply.
Deleted old revision history from 0.1 to 0.91.
2.4
March 16, 2015
Added notes on the connection of reserved Bits in the device control registers.
Updated ESS contact information.
2.5
April 30, 2015
Added information on THD compensation and how to use Registers #22 to #25
2.6
June 10, 2015
Increased typical value of AVCC_L plus AVCC_R from 3mA to 8mA
2.7
July 26, 2015
Updated typical operating power on cover page.
Corrected SDA setup time from SCL rising units from
“µs” to “ns”.
Added new specifications to the Absolute Maximum Ratings table.
2.8
April 12, 2016
Corrected typical power consumption values
2.9
January 24, 2017
Corrected THD compensation description.
3.0
January 31, 2017
Remove references to Revision W silicon, clarify I2C address description.
3.1
February 14, 2017
Added description for Registers #2, #3 and #9. Register #65 labeled as GPIO
Status. Added register map. Adjusted page number references as needed.
3.2
November 28, 2017
Remove ESS logo from pin diagram
3.3
November 15, 2018
Added Low Power Audio DAC description, removed Advanced Information
3.4
April 25, 2019
Added Cin / Co / Cclk information
3.5
January 7, 2021
Updated I/V converter filter circuit
3.6
March 26, 2021
Updated Register #9 default setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com