Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 21 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 21 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 17Page - ESS Technology,Inc ES9018K2M Datasheet HTML 18Page - ESS Technology,Inc ES9018K2M Datasheet HTML 19Page - ESS Technology,Inc ES9018K2M Datasheet HTML 20Page - ESS Technology,Inc ES9018K2M Datasheet HTML 21Page - ESS Technology,Inc ES9018K2M Datasheet HTML 22Page - ESS Technology,Inc ES9018K2M Datasheet HTML 23Page - ESS Technology,Inc ES9018K2M Datasheet HTML 24Page - ESS Technology,Inc ES9018K2M Datasheet HTML 25Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
March 26, 2021
CONFIDENTIAL Rev. 3.6
ES9018K2M Datasheet
21
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
Register #23-22: 2nd Harmonic Compensation Coefficients
16 bit, Read-Write Register, Default = 0x0000 (no compensation). Register #23 is MSB. See Register #13 for more details.
Bits
[15:0]
Mnemonic
Thd_comp_c2
Default
16’d0
Register #25-24: 3rd Harmonic Compensation Coefficients
16 bit, Read-Write Register, Default = 0x0000 (no compensation). Register #25 is MSB. See Register #13 for more details.
Bits
[15:0]
Mnemonic
Thd_comp_c3
Default
16’d0
The THD Compensation registers are signed integer values split into two memory locations each.
THD Compensation Coefficient
MSB
LSB
x^3 (third harmonic)
Register 25
Register 24
x^2 (second harmonic)
Register 23
Register 22
Table 1: THD Compensation Registers
1. Configure the output stage gain for the maximum desired output level. If any component values are later changed on
the output audio signal path you will need to re-tune the THD Compensation to achieve peak performance.
2. Set the input level, ES9018K2M Volume and Master Trim for the maximum desired output level.
If the output level is later increased beyond this level you will need to re-tune the THD Compensation to achieve
peak performance.
3. Adjust registers 0x23 and 0x25 to achieve peak THD performance. Use the I2C interface or the ES9018K2M GUI to make
the adjustments while watching the THD+N measurement.
In the GUI, adjust the THD Compensation sliders as shown in figure 1. The sliders are linked to the MSB of the THD
Compensation registers so they are somewhat coarse.
Both channels are tuned simultaneously; keep an eye on both measurements.
Typical register values are very close to zero.
4. For finer adjustments use registers 0x22 and 0x24. Use the I2C interface or the ES9018K2M GUI to make large changes
of 50 or so while watching the THD+N measurement. Switch to smaller increments when you're close to peak
performance.
In the GUI, open the register listing (see figure 2) and click Update Registers to make sure the most up-to-date values are
displayed. There are no sliders for the fine-adjust registers (see figure 3).
The ES9018K2M GUI is available for download from the ESS website at:
64-Bit: http://www.esstech.com/software/Sabre2M_signed_x64.zip
32-Bit: http://www.esstech.com/software/Sabre2M_signed_x86.zip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com