Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018K2M Datasheet(PDF) 11 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 11 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 7Page - ESS Technology,Inc ES9018K2M Datasheet HTML 8Page - ESS Technology,Inc ES9018K2M Datasheet HTML 9Page - ESS Technology,Inc ES9018K2M Datasheet HTML 10Page - ESS Technology,Inc ES9018K2M Datasheet HTML 11Page - ESS Technology,Inc ES9018K2M Datasheet HTML 12Page - ESS Technology,Inc ES9018K2M Datasheet HTML 13Page - ESS Technology,Inc ES9018K2M Datasheet HTML 14Page - ESS Technology,Inc ES9018K2M Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
March 26, 2021
CONFIDENTIAL Rev. 3.6
ES9018K2M Datasheet
11
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
REGISTER MAP
Address
(Dec/Hex)
Register
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
Read/Write
0 / 0x00
SYSTEM SETTINGS
OSC_DRV
RESERVED
SOFT_RESET
1 / 0x01
INPUT
CONFIGURATION
I2S_LENGTH
I2S_MODE
AUTO_INPUT_SELECT
INPUT_SELECT
2 / 0x02
RESERVED
RESERVED
3 / 0x03
RESERVED
RESERVED
4 / 0x04
AUTOMUTE _TIME
AUTOMUTE_TIME
5 / 0x05
AUTOMUTE
_LEVEL
AUTOMUTE_
LOOPBACK
AUTOMUTE_LEVEL
6 / 0x06
SOFT VOLUME
CONTROL 3 &
DE-EMPHASIS
SPDIF_AUTO
_DEEMPH
DEEMPH
_BYPASS
DEEMPH_SEL
RESERVED
VOL_RATE
7 / 0x07
GENERAL
SETTINGS
RESERVED
FILTER_SHAPE
RESERVED
IIR_WR
MUTE
8 / 0x08
GPIO
CONFIGURATION
GPIO2_CFG
GPIO1_CFG
9 / 0x09
RESERVED
RESERVED FOR REVISION V
10 / 0x0A
MASTER MODE
CONTROL
MASTER_CLK
_ENABLE
CLOCK_DIVIDER_SELECT
SYNC_
MODE
STOP_DIV
11 / 0x0B
CHANNEL
MAPPING
RESERVED
SPDIF_SEL
CH2_ANALOG
_SWAP
CH1_ANALOG
_SWAP
CH2_SEL
CH1_SEL
12 / 0x0C
DPLL/ASRC
SETTINGS
DPLL_BW_I2S
DPLL_BW_DSD
13 / 0x0D
THD
COMPENSATION
RESERVED
BYPASS_THD
RESERVED
14 / 0x0E
SOFT START
SETTINGS
SOFT_START
SOFT_START
_ON_LOCK
MUTE_ON
_LOCK
SOFT_START_TIME
15 / 0x0F
VOLUME 1
VOLUME 1
16 / 0x10
VOLUME 2
VOLUME 2
17 / 0x11
MASTER TRIM
MASTER_TRIM
18 / 0x12
19 / 0x13
20 / 0x14
21 / 0x15
GPIO INPUT
SELECTION & OSF
BYPASS
GPIO_INPUT_SEL2
GPIO_INPUT_SEL1
RESERVED
BYPASS_IIR
RESERVED
BYPASS_OSF
22 / 0x16
2ND HARMONIC
COMPENSATION
COEFFICIENTS
THD_COMP_C2
23 / 0x17
24 / 0x18
3RD HARMONIC
COMPENSATION
COEFFICIENTS
THD_COMP_C3
25 / 0x19
26 / 0x1A
PROGRAMMABLE
FILTER ADDRESS
PROG_COEFF
_STAGE
PROG_COEFF_ADDR
27 / 0x1B
PROGRAMMABLE
FILTER
COEFFICIENT
PROG_COEFF
28 / 0x1C
29 / 0x1D
30 / 0x1E
PROGRAMMABLE
FILTER CONTROL
RESERVED
EVEN_STAGE2
_COEFF
PROG_
COEFF_WE
PROG_
COEFF_EN
Read Only
64 / 0x40
CHIP STATUS
RESERVED
REVISION
CHIP_ID
AUTOMUTE
_STATUS
LOCK_STATUS
65 / 0x41
GPIO STATUS
RESERVED
GPIO_I[1:0]
66 / 0x42
DPLL RATIO
DPLL_NUM
67 / 0x43
68 / 0x44
69 / 0x45
70-93 /
0x46-0x5D
CHANNEL STATUS
SPDIF CHANNEL STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com