Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 14 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button PISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Keep space beneath
device free of any planes,
traces, pads and vias
VDD
VOUT
GND
NC
NC
NC
ISOTMP35R
1
2
4
5
6
7
8
9
10
11
12
Heat
High Voltage Heat Source
3
GND
GND
GND
ADC
+
–
3V to 34V
100nF
RFILTER
CFILTER
CLOAD
GND
GND
Figure 7-2. Connecting the ISOTMP35R Output to an ADC
7.1.3 Electromagnetic Noise Mitigation
The ISOTMP35R device is designed to connect to high-voltage heat sources, including switching MOSFETs.
These devices often generate electromagnetic interference (EMI) and noise that can couple into the
ISOTMP35R output (VOUT). If not properly filtered, this noise can cause large temperature accuracy errors.
Effective EMI mitigation is therefore critical to maximizing the accuracy and reliability of the ISOTMP35R device.
7.1.3.1 Filtering Techniques
EMI mitigation begins at the schematic level. TI recommends using RC filters or Pi filters on ISOTMP35R traces
to attenuate coupled noise. In addition, ferrite beads on VDD and GND help suppress high-frequency noise
before the noise couples into the device.
Place filtering components both at the ISOTMP35R pins and at the signal termination point. For example,
placing an RC filter only near the device leaves the rest of the trace vulnerable to noise pickup. Figure 7-3
illustrates an example filter configuration for reducing EMI effects.
Keep space beneath
device free of any planes,
traces, pads and vias
VDD
VOUT
GND
NC
NC
NC
ISOTMP35R
1
2
4
5
6
7
8
9
10
11
12
Heat
High Voltage Heat Source
3
GND
GND
GND
ADC
RFILTER 2
CFILTER 2
CLOAD
100nF
C2
C3
+
–
GND
3V to 34V
Ferrite Bead
(DCR < 1 )
Ferrite Bead
(DCR < 1 )
GND
RFILTER
CFILTER
Figure 7-3. Example Filtering for EMI Mitigation
7.1.3.2 General Design Guidelines
While filter design depends on system-level noise sources, the following practices are recommended:
• Place a 0.1µF bypass capacitor as close as possible to the ISOTMP35R VDD pin. This capacitor is required
for optimal operation and should always be present, even when additional filters are used.
• Use C0G/NP0 capacitors for signal-path filtering, and limit SMT package size to 0603 or smaller to minimize
parasitic effects.
ISOTMP35R
SNIS244 – SEPTEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com