Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 10 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PISOTMP35RDFPR Datasheet HTML 6Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
6 Detailed Description
6.1 Overview
The ISOTMP35R is a linear analog output temperature sensor with an output voltage proportional to
temperature. The temperature sensor has an accuracy of ±1.5°C from 0°C to 70°C and ±2.5°C over the full
temperature range of –40°C to 150°C. The ISOTMP35R provides a positive slope output of 10mV/°C over the
full –40°C to 150°C and a supply range from 3V to 34V. A class-A output driver provides a maximum output
current of 100µA to drive capacitive loads up to 220nF.
6.2 Functional Block Diagram
VOUT
VDD
GND
Thermal Diodes
TSENSE
TSENSE
TSENSE
Heat only
TSENSE
TSENSE
TSENSE
ISOTMP35R
+
–
90
Ω
Figure 6-1. Functional Block Diagram
6.3 Features Description
The ISOTMP35R device combines a robust integrated isolation barrier with a tight accuracy analog output
temperature sensor. All the features related to the analog output, accuracy, output characteristics of the sensor,
and drive characteristics of the output are discussed in the analog output section.
6.3.1 Integrated Isolation Barrier and Thermal Response
The ISOTMP35R is designed to integrate a robust isolation barrier while maximizing heat flow of a local heat
source. This is made possible by an SSOP-12 package designed to provide a 5kVRMS isolating rating (UL 1577)
along with an isolation mechanism that minimizes thermal response from the TSENSE pins to the temperature
sensor.
6.3.2 Analog Output
The analog output of the ISOTMP35R has several characteristics, such as the output accuracy, linearity, and
drive capability, that must be understood to design the interface to the rest of the signal chain.
6.3.2.1 Output Accuracy
As illustrated in Figure 5-2, the ISOTMP35R device's output is linear with a 500mV offset voltage and a
temperature coefficient or sensor gain of 10mV/°C. The ISOTMP35R, therefore, adheres to a simple transfer
function given as
VOUT = (10mV/°C × TA) + 500mV
(1)
where
• TA is the Ambient Temperature in °C.
ISOTMP35R
SNIS244 – SEPTEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com