Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 15 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button PISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
• When selecting ferrite beads for high-frequency filtering, ensure DCR < 1Ω to avoid voltage drops that could
introduce additional noise on VDD.
• Use low-ESR capacitors, which provide a low-impedance path to ground and improve high-frequency noise
suppression.
7.1.3.3 PCB Layout Practices
PCB layout also plays a key role in EMI performance:
• Route ISOTMP35R signal traces away from high-voltage noise sources.
• Avoid wrapping traces around noisy components, which increases noise coupling.
• Where possible, route signal traces between quiet GND planes on two layers, using stitching vias to connect
the planes. This provides a low-impedance return path for noise, reducing its effect on the signal.
By combining robust filtering with careful PCB layout, designers can significantly reduce EMI impact and ensure
accurate temperature measurements.
7.1.4 Insulation Lifetime
Insulation lifetime projection data is collected by using the industry-standard time-dependent dielectric
breakdown (TDDB) test method. In this test, all pins on each side of the barrier are tied together, creating a
two-terminal device, and high voltage is applied between the two sides. See Figure 7-4 for TDDB test setup. The
insulation breakdown data is collected at various high voltages, switching at 60Hz over temperature.
DUT
V
S
Time Counter
>1mA
A
Oven at 150°C
Figure 7-4. Test Setup for Insulation Lifetime Measurement
7.2 Power Supply Recommendations
To maintain stable operation, a 0.1µF ceramic bypass capacitor is recommended at the VDD supply pin.
This capacitor can be placed as close as possible to the device to provide effective noise decoupling. The
ISOTMP35R device operates from a single-supply configuration and does not require an isolated power source.
7.2.1 PSRR Considerations
Depending on the application, there can be a significant amount of high-frequency noise on the power supply
line. If high-frequency noise (>100kHz) is present, the user can switch to a 1μF bypass capacitor to provide
additional filtering on the power supply line. Increasing the bypass capacitance or choosing a capacitor with a
lower ESR across frequency improves PSRR performance.
An additional power supply consideration is line regulation. For the ISOTMP35R device, line regulation refers
to the change in output temperature with changing power supply. Figure 5-6 shows that, across the entire
environment temperature range, ISOTMP35R maintains a steady amount change in temperature across VDD.
www.ti.com
ISOTMP35R
SNIS244 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com