Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 2 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 2 Page - Texas Instruments

  PISOTMP35RDFPR Datasheet HTML 1Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 2Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 3Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 4Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 5Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 6Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Insulation Specification............................................... 5
5.6 Power Ratings.............................................................6
5.7 Safety-Related Certifications...................................... 6
5.8 Safety Limiting Values.................................................6
5.9 Electrical Characteristics.............................................7
5.10 Typical Characteristics.............................................. 8
6 Detailed Description......................................................10
6.1 Overview................................................................... 10
6.2 Functional Block Diagram......................................... 10
6.3 Features Description.................................................10
6.4 Device Functional Modes..........................................12
7 Application and Implementation.................................. 13
7.1 Application Information............................................. 13
7.2 Power Supply Recommendations.............................15
7.3 Layout....................................................................... 16
8 Device and Documentation Support............................16
8.1 Documentation Support............................................ 17
8.2 Receiving Notification of Documentation Updates....17
8.3 Support Resources................................................... 17
8.4 Trademarks...............................................................17
8.5 Electrostatic Discharge Caution................................17
8.6 Glossary....................................................................17
9 Revision History............................................................ 17
10 Mechanical, Packaging, and Orderable
Information.................................................................... 17
ISOTMP35R
SNIS244 – SEPTEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com