Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOTMP35RDFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # PISOTMP35RDFPR
Description  ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOTMP35RDFPR Datasheet(HTML) 3 Page - Texas Instruments

  PISOTMP35RDFPR Datasheet HTML 1Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 2Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 3Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 4Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 5Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 6Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments PISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
TSENSE
TSENSE
TSENSE
TSENSE
TSENSE
TSENSE
VDD
NC
VOUT
NC
GND
NC
Figure 4-1. DFP Package 12-Pin SSOP Top View
Table 4-1. Pin Functions
PIN
TYPE(1) DESCRIPTION
NAME
DFP
GND
5
G
Ground
NC
2
—
No connect
4
6
TSENSE
7
—
Temperature pin connected to high-voltage heat source
8
9
10
11
12
VDD
1
P
Supply voltage
VOUT
3
O
Output voltage proportional to temperature
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power
www.ti.com
ISOTMP35R
SNIS244 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com